Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFRX1002TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFRX1002TR13
Description  GaAs MMIC IQ Downconverter 9GHz to 14GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1002TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFRX1002TR13 Datasheet HTML 1Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 2Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 3Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 4Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 5Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 6Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 7Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 8Page - RF Micro Devices RFRX1002TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFRX1002
GaAs MMIC IQ Downconverter
9GHz to 14GHz
RFMD's RFRX1002 is a 9GHz to 14GHz GaAs pHEMT Downconverter,
incorporating an integrated LNA, image rejection mixer, LO buffer amplifier,
and DC decoupling capacitors. The combination of high performance and
low cost packaging makes the RFRX1002 a cost effective solution, ideally
suited to both current and next generation Point-to-Point and VSAT
applications. RFRX1002 is packaged in a 5mm x 5mm QFN to simplify both
system level board design and volume assembly.
Functional Block Diagram
Ordering Information
RFRX1002S2
Sample bag with 2 pieces
RFRX1002SB
Bag with 5 pieces
RFRX1002SQ
Bag with 25 pieces
RFRX1002SR
7” Reel with 100 pieces
RFRX1002TR7
7" Reel with 750 pieces
RFRX1002TR13
13” Reel with 2500 pieces
RFRX1002PCK-410
Evaluation board
Package: QFN, 32-pin,
5mm x 5mm x 0.95mm
Features
RF Frequency: 9GHz to 14GHz
LO Frequency: 5GHz to 18GHz
IF Frequency: DC to 4GHz
LO Input Drive: +5dBm
Conversion Gain: 14dB
Noise Figure: 1.7dB
IIP3: 4dBm
OIP3: 18dBm
Image Rejection: 15dBc
Applications
Point-to-Point
VSAT
RFRX1002


Similar Part No. - RFRX1002TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001PCK-410 RFMD-RFRX1001PCK-410 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001S2 RFMD-RFRX1001S2 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001SB RFMD-RFRX1001SB Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001SQ RFMD-RFRX1001SQ Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
More results

Similar Description - RFRX1002TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1002 RFMD-RFUV1002 Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
logo
Marki Microwave
MEQX-14ACH MARKIMICROWAVE-MEQX-14ACH Datasheet
456Kb / 8P
   Passive GaAs MMIC 14GHz Equalizer Family
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
RF Micro Devices
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com