Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2033PCK-411 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFSA2033PCK-411
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2033PCK-411 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFSA2033PCK-411 Datasheet HTML 7Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 8Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 9Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 10Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 11Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 12Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 13Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 14Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
11 of 22
Measured Negative Attenuation Slope Performance
Note: 50Ω Application Circuit – Data includes PCB and connector losses


Similar Part No. - RFSA2033PCK-411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFSA2013 ETC-RFSA2013 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
RF Micro Devices
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013PCK-410 RFMD-RFSA2013PCK-410 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013SQ RFMD-RFSA2013SQ Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013SR RFMD-RFSA2013SR Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
More results

Similar Description - RFSA2033PCK-411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
   50MHz-6000MHz, Cascadable Amplifier
logo
RF Micro Devices
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
   Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
   Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com