Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2654 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2654
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2654 Datasheet HTML 1Page - RF Micro Devices RFSA2654 Datasheet HTML 2Page - RF Micro Devices RFSA2654 Datasheet HTML 3Page - RF Micro Devices RFSA2654 Datasheet HTML 4Page - RF Micro Devices RFSA2654 Datasheet HTML 5Page - RF Micro Devices RFSA2654 Datasheet HTML 6Page - RF Micro Devices RFSA2654 Datasheet HTML 7Page - RF Micro Devices RFSA2654 Datasheet HTML 8Page - RF Micro Devices RFSA2654 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFSA2654
DS121031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - Broadband Application Circuit
-35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
Frequency (MHz)
Normalized Attenuation versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
0
5
10
15
20
25
30
35
40
45
0
500
1000
1500
2000
Frequency (MHz)
Input Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
0
5
10
15
20
25
30
35
40
45
0
500
1000
1500
2000
Frequency (MHz)
Output Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-10
0
10
20
30
40
50
0
500
1000
1500
2000
Frequency (MHz)
Relative Phase versus Frequency
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
500
1000
1500
2000
Frequency (MHz)
Worst Case Step Error Between
Successive States
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1,000
1,500
2,000
Frequency (MHz)
Insertion Loss versus Frequency
-40°C
25°C
85°C


Similar Part No. - RFSA2654

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2654

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
RF Micro Devices
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com