Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF4N60F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF4N60F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N60F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF4N60F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF4N60F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF4N60F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF4N60F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF4N60F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF4N60F_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2013. 6. 03
4/6
KF4N60F
Revision No : 0
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
14
16
6
210
812
4
0
Fig 8. Qg- VGS
10
4
10
3
10
2
10
1
10
0
I
D=4A
VDS = 480V
Drain - Source Voltage VDS (V)
Fig 7. C - VDS
0
10203040
Fig10. Transient Thermal Response Curve
TIME (sec)
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
101
100
- Rth(j-c)= 3.3
/W
- Duty Factor, D= t1/t2
t1
t2
PDM
Duty=0.5
Single Pulse
0.05
0.1
0.2
0.01
Fig 9. Safe Operation Area
10
2
10
1
10
-1
10
0
10
-2
Drain - Source Voltage VDS (V)
10
1
10
0
10
2
10
3
Tc= 25
Tj = 150
Single nonrepetitive pulse
C
C
DC
10ms
1ms
100
µs
10
µs
Operation in this
area is limited by RDS(ON)
0.02
Ciss
Coss
Crss


Similar Part No. - KF4N60F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF4N60F KEC-KF4N60F Datasheet
390Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF4N60F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com