Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA0S506AJ-SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA0S506AJ-SMB
Description  5.0 - 6.0 SPDT T/R Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MA0S506AJ-SMB Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-SMB Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-SMB Datasheet HTML 3Page - Tyco Electronics MA0S506AJ-SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
5.0 – 6.0 SPDT T/R Switch
MA0S506AJ
V 1.0
Electrical Specifications: TA = 25 °C, Z0 = 50 Ω
1
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
dB
1.4
1.8
Isolation
dB
25
28
Return Loss
dB
9
TRISE, TFALL
TON, TOFF
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
nS
nS
10
25
1 dB Compression
V1/V2 = 0/3 V, VDD = 3 V
V1/V2 = 0/5 V, VDD = 5 V
dBm
dBm
32
35
Third Order Intercept
dBm
44
1. Unless otherwise specified, input power is -10 dBm, VDD is +5 V, control voltages are 0/+5 V, and test frequency is 5.775 GHz.
Switch Logic Table
1,2
Insertion Loss Path
Isolated Path
V1
V2
RF1/RFC
RF2/RFC
1
0
RF2/RFC
RF1/RFC
0
1
1.
“0” = 0 +/- 0.2 volts
2.
“1” = +2.7 to +8 volts, equal to VDD
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+ 33 dBm
Control Voltages
+8.0 volts
Supply Voltage
+8.0 volts
Operating Temperature
-40 °C to +100 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.


Similar Part No. - MA0S506AJ-SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ-SMB MACOM-MA0S506AJ-SMB Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
More results

Similar Description - MA0S506AJ-SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8 Datasheet
0Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
   LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com