Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3669 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3669
Description  IO-Link Transceiver with Integrated Step-Down Regulator and LDO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3669 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3669_15 Datasheet HTML 3Page - Linear Technology LT3669_15 Datasheet HTML 4Page - Linear Technology LT3669_15 Datasheet HTML 5Page - Linear Technology LT3669_15 Datasheet HTML 6Page - Linear Technology LT3669_15 Datasheet HTML 7Page - Linear Technology LT3669_15 Datasheet HTML 8Page - Linear Technology LT3669_15 Datasheet HTML 9Page - Linear Technology LT3669_15 Datasheet HTML 10Page - Linear Technology LT3669_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LT3669/LT3669-2
7
3669fa
For more information www.linear.com/LT3669
TEMPERATURE (°C)
–50
0
50
75
–25
25
125
100
150
36692 G02
780
800
790
785
805
795
810
TEMPERATURE (°C)
780
800
790
785
805
795
810
36692 G01
–50
0
50
75
–25
25
125
100
150
TEMPERATURE (°C)
–50
0
50
75
41.0
43.0
42.0
41.5
43.5
42.5
44.5
44.0
–25
25
125
100
150
36692 G04
VL+ RISING
VL+ FALLING
TEMPERATURE (°C)
–50
0
50
75
1.30
1.50
1.40
1.35
1.55
1.45
1.60
–25
25
125
100
150
36692 G03
EN/UVLO RISING
EN/UVLO FALLING
5.0
6.0
7.0
5.5
6.5
7.5
TEMPERATURE (°C)
–50
0
50
75
–25
25
125
100
150
36692 G05
VL+ RISING
VL+ FALLING
0
10
15
0
0.8
0.4
0.2
1.0
0.6
1.4
1.2
5
25
20
30
35
40
36692 G06
VL+ (V)
VL+ = 24V
0
0.4
0.8
1.2
1.4
0.2
0.6
1.0
TEMPERATURE (°C)
36692 G07
–50
0
50
75
–25
25
125
100
150
TYPICAL PERFORMANCE CHARACTERISTICS
L+ Overvoltage Lockout
L+ Undervoltage Lockout
L+ Supply Current, VEN/UVLO < 0.4V
L+ Supply Current, VEN/UVLO < 0.4V
No-Load L+ Supply Current,
VEN/UVLO = VL+
No-Load L+ Supply Current,
VEN/UVLO = VL+, VTXEN2 = 0V
FBOUT Feedback Voltage
FBLDO Feedback Voltage
EN/UVLO Pin Threshold
0
2
4
1
3
5
TEMPERATURE (°C)
36692 G08
THERMAL SHUTDOWN
FRONT PAGE APPLICATION
VL+ = 24V
VTXEN = 0V
–50
0
50
75
–25
25
125
100
150
10
15
2
6
4
3
7
5
9
8
5
25
20
30
35
40
36692 G09
VL+ (V)
VTXEN1 = 5V, VTXD1 = 0V
VTXEN1 = 5V, VTXD1 = 5V
VTXEN1 = 0V


Similar Part No. - LT3669_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
   IO-Link Device with Multiple Sensors
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
   IO-Link Transceiver with Integrated Step-Down Regulator and LDO
More results

Similar Description - LT3669_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
   IO-Link Transceiver with Integrated Step-Down Regulator and LDO
LT3669 LINER-LT3669 Datasheet
233Kb / 6P
   Industrial Transceiver with Integrated Step-Down Regulator and LDO
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
   IO-Link Transceiver with Integrated Protection
2021
logo
Panasonic Battery Group
AN3018XA PANASONICBATTERY-AN3018XA Datasheet
426Kb / 2P
   Multi-Channel DC/DC Step-Down Regulator with Integrated FET and LDO
logo
Panasonic Semiconductor
AN3018XA PANASONIC-AN3018XA Datasheet
426Kb / 2P
   Multi-Channel DC/DC Step-Down Regulator with Integrated FET and LDO
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
   IO-Link Master Transceiver
Rev 3; 5/12
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com