Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8490 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8490
Description  High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8490 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8490_15 Datasheet HTML 4Page - Linear Technology LT8490_15 Datasheet HTML 5Page - Linear Technology LT8490_15 Datasheet HTML 6Page - Linear Technology LT8490_15 Datasheet HTML 7Page - Linear Technology LT8490_15 Datasheet HTML 8Page - Linear Technology LT8490_15 Datasheet HTML 9Page - Linear Technology LT8490_15 Datasheet HTML 10Page - Linear Technology LT8490_15 Datasheet HTML 11Page - Linear Technology LT8490_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LT8490
8
8490f
For more information www.linear.com/LT8490
pin FuncTions
FBIR (Pin 1): A/D Input Pin. Connects to FBIN pin to
measure input feedback voltage.
FAULT (Pin 2): FAULT Pin. This pin generates an active
high digital output that, when used with an LED, provides
a visual indication of a fault event.
TEMPSENSE(Pin3):A/DInputPin.Connectstoathermis-
tor divider network for sensing battery temperature or a
resistor divider if unused. This pin is frequently monitored
for temperature compensation and enforcing temperature
limits.
VDD (Pin 4): Control Logic Power Supply Pin. Connect
this pin to LDO33 and AVDD.
FBOW(Pin5):PWMDigitalOutputPin.ConnectstoFBOUT
through an RCR network to temperature compensate the
battery voltage.
FBIW (Pin 6): PWM Digital Output Pin. Connects to FBIN
through an RCR network to adjust the solar panel volt-
age for MPPT.
INTVCC (Pin 7): Internal 6.35V Regulator Output Pin. Con-
nects to the GATEVCCpin.INTVCCispoweredfromEXTVCC
when the EXTVCC voltage is higher than 6.4V, otherwise
INTVCC is powered from VIN. Bypass this pin to ground
with a minimum 4.7µF ceramic capacitor. See Switching
Configuration - MODE Pin for additional details.
SWEN (Pin 8): Switch Enable Pin. Tie to the SWENO pin.
MODE (Pin 9): Mode Pin. The voltage applied to this pin
setstheoperatingmodeoftheswitchingregulator.Tiethis
pin to INTVCC to make discontinuous current mode active.
Tie this pin to ground to operate in discontinuous current
mode for low battery charging currents and continuous
current mode for high battery charging currents. Do not
float this pin. See Switching Configuration - MODE Pin
for additional details.
IMON_IN (Pin 10): Input Current Monitor Pin. The current
out of this pin is proportional to the input current. See the
Applications Information section for more information.
SHDN (Pin 11): Shutdown Pin. In conjunction with the
UVLO (undervoltage lockout) circuit, this pin is used to
enable/disable the chip. Do not float this pin.
CSN (Pin 12): The (–) Input to the Inductor Current Sense
and Reverse Current Detect Amplifier.
CSP (Pin 13): The (+) Input to the Inductor Current Sense
and Reverse Current Detect Amplifier. The VC pin voltage
and built-in offsets between the CSP and CSN pins set the
current trip threshold.
LDO33 (Pin 14): 3.3V Regulator Output. This supply
provides power to the VDD and AVDD pins. Bypass this
pin to ground with a minimum 4.7µF ceramic capacitor.
FBIN (Pin 15): Input Feedback Pin. This pin is connected
to the input error amplifier input.
FBOUT (Pin 16): Output Feedback Pin. This pin connects
the error amplifier input to an external resistor divider
from the output.
IMON_OUT (Pin 17): Output Current Monitor Pin. The
current out of this pin is proportional to the average out-
put current. See the Applications Information section for
more information.
VC (Pin 18): Error Amplifier Output Pin. Tie the external
compensation network to this pin.
SS (Pin 19): Soft-Start Pin. Place 100nF of capacitance
from this pin to ground. Upon start-up, this pin will be
charged by an internal resistor to 2.5V.
CLKOUT (Pin 20): Switching Regulator Clock Output Pin.
CLKOUT will toggle at the same frequency as the switch-
ing regulator oscillator (OSC1 on the Block Diagram) or
as the SYNC pin, but is approximately 180° out-of-phase.
CLKOUT can also be used as a temperature monitor of the
switching regulator since the CLKOUT duty cycle varies
linearly with the junction temperature of the switching
regulator. It is connected to CLKDET through an RC filter.
The CLKOUT pin can drive capacitive loads up to 200pF.
SYNC (Pin 21): To synchronize the switching frequency
to an outside clock, simply drive this pin with a clock. The
high voltage level of the clock needs to exceed 1.3V, and
the low level should be less than 0.5V. Drive this pin to
less than 0.5V to revert to the internal free-running clock
(OSC1 in the Block Diagram).


Similar Part No. - LT8490_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
Analog Devices
LT8490 AD-LT8490 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LT8490 AD-LT8490 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LT8490 AD-LT8490 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LT8490_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8491 AD-LT8491 Datasheet
1Mb / 82P
   High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LTC4000-1 LINER-LTC4000-1_15 Datasheet
489Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4000-1 LINER-LTC4000-1 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Texas Instruments
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com