Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2000A Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2000A_15 Datasheet HTML 4Page - Linear Technology LTC2000A_15 Datasheet HTML 5Page - Linear Technology LTC2000A_15 Datasheet HTML 6Page - Linear Technology LTC2000A_15 Datasheet HTML 7Page - Linear Technology LTC2000A_15 Datasheet HTML 8Page - Linear Technology LTC2000A_15 Datasheet HTML 9Page - Linear Technology LTC2000A_15 Datasheet HTML 10Page - Linear Technology LTC2000A_15 Datasheet HTML 11Page - Linear Technology LTC2000A_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC2000A
8
2000af
For more information www.linear.com/LTC2000A
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AVDD18, DVDD18 = 1.8V to 1.92V, AVDD33, DVDD33 = 3.135V to 3.465V, SVDD = 1.71V
to 3.465V, RFSADJ = 500Ω, output load 50Ω double terminated, unless otherwise specified.
timing characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
SDI Valid to SCK Setup
(Note 3)
l
4
ns
t2
SDI Valid to SCK Hold
(Note 3)
l
4
ns
t3
SCK High Time
(Note 3)
l
9
ns
t4
SCK Low Time
(Note 3)
l
9
ns
t5
CS Pulse Width
(Note 3)
l
10
ns
t6
SCK High to CS High
(Note 3)
l
7
ns
t7
CS Low to SCK High
(Note 3)
l
7
ns
t10
CS High to SCK High
(Note 3)
l
7
ns
t13
SCK Low to SDO Valid
Unloaded (Note 3)
l
10
ns
SCK Frequency
50% Duty Cycle (Note 3)
l
50
MHz
t11
LVDS DAP/N, DBP/N to DCKI Setup Time
(Note 3)
DCKI_Q = 1
DCKI_Q = 0, DCKI_TADJ = 000
l
l
200
570
ps
ps
t12
LVDS DAP/N, DBP/N to DCKI Hold Time
(Note 3)
DCKI_Q = 1
DCKI_Q = 0, DCKI_TADJ = 000
l
l
200
–170
ps
ps
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are with respect to GND.
Note 3: Guaranteed by design and not production tested.
Note 4: Digital inputs at 0V or SVDD.
Note 5: Latency is the delay from a transition on DCKIP/N until the CKP/N
transition which causes the sample on DAP/N or DBP/N to appear at the
DAC output IOUTP/N, as measured in DAC sample clock (CKP/N) cycles.


Similar Part No. - LTC2000A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
   2.7Gsps DACs
More results

Similar Description - LTC2000A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
   16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Linear Technology
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Analog Devices
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
   2.7Gsps DACs
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com