Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1553BF-L2 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1553BF-L2
Description  1.9ghZ band mixer gAaS mmic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553BF-L2 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1553BF-L2 Datasheet HTML 1Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 2Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 3Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 4Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 5Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 6Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 7Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 8Page - New Japan Radio NJG1553BF-L2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJG1553BF
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C, Zs=Zl=50
Ω)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
Mixer Supply Voltage
VMIX
6.5
V
Local amp. Supply Voltage
VLO
6.5
V
Mixer RF Input Power
PRFIN
VMIX=VLO=2.7V
10
dBm
Mixer LO Input Power
PLOIN
VMIX=VLO=2.7V
10
dBm
Power Dissipation
PD
150
mW
Operating Temperature
Topr
-30~+85
°C
Storage Temperature
Tstg
-40~+150
°C
nRECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Mixer
VMIX
2.5
2.7
5.8
V
Supply Voltage Local Amp.
VLO
2.5
2.7
5.8
V
nELECTRICAL CHARACTERISTICS (DC CHARACTERISTICS)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Mixer Current
IMIX
PRF=OFF, PLO=OFF
-
5.0
7.0
mA
Local Amp. Current
ILO
PRF=OFF, PLO=OFF
-
2.0
3.2
mA
nELECTRICAL CHARACTERISTICS (AC CHARACTERISTICS)
(VMIX=VLO=2.7V, fRF=1960MHz, fLO=2090MHz, fIF=130MHz, PRF=-30dBm, PLO=-10dBm, Ta=25ºC,
Zs=Zl=50
Ω, Measuring Test Circuit)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating RF Frequency
freq
1930
1960
1990
MHz
Conversion Gain
GC
9
11
-
dB
Input 3rd Order
Intercept Point
IIP3
fRF=1960.0+1960.1MHz
-
-1
-
dBm
Noise Figure
NF
-
7.0
8.5
dB


Similar Part No. - NJG1553BF-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C1 NJRC-NJG1553F-C1 Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C2 NJRC-NJG1553F-C2 Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C3 NJRC-NJG1553F-C3 Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F-C4 NJRC-NJG1553F-C4 Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
More results

Similar Description - NJG1553BF-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com