Electronic Components Datasheet Search |
|
MA46H073 Datasheet(PDF) 1 Page - Tyco Electronics |
|
MA46H073 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page Surface Mount GaAs Tuning Varactors MA46 Series V3.00 M/A-COM, Inc. North America: Tel. (800) 366-2266 s Asia/Pacific: Tel. +81 3 3263 8761 s Europe: Tel. +44 (1344) 869 595 Fax (800) 618-8883 Fax +81 3 3263 8769 Fax +44 (1344) 300 020 1 Specifications Subject to Change Without Notice. Features q Low Cost q Surface Mount Packages q Very High Quality Factor q Constant Gamma Abrupt Junction: 0.5 Hyperabrupt Junctions: 0.75, 1.25 and 1.5 q Capacitance Ratio to 10:1 q Case Style 1056 is Hermetic and may be Screened to JANTX levels q Tape and Reel Packaging Available Description M/A-COM offers four families of low cost surface mount gallium arsenide tuning varactors. All families have sili- con nitride protected junctions for low leakage current and high reliability. The MA46H500 through MA46H504 family has hyper- abrupt junctions with constant gamma of 1.5 from 2 to 12 volts and high quality factor. The MA46H200 through MA46H206 family has hyper- abrupt junctions with constant gamma of 1.25 from 2 to 20 volts and higher quality factor. The MA46H070 through MA46H073 family has hyper- abrupt junctions with constant gamma of 0.75 from 0 to 20 volts and very high quality factor. The MA46504 through MA46506 family has abrupt junc- tions with constant gamma of 0.5 from 0 to 30 volts and the highest quality factor. Applications The MA46H500 through MA46H504 (gamma 1.5) family of constant gamma hyperabrupt GaAs tuning varactors is designed for wide bandwidth VCOs and voltage tuned filters where limited bias voltage is available. These var- actors have greatest capacitance change versus voltage at the cost of slightly lower quality factor than the other families of GaAs varactors. The MA46H200 through MA46H206 (gamma 1.25) family of constant gamma hyperabrupt GaAs tuning varactors has the largest capacitance ratio of the families of GaAs varactors and high quality factor. These diodes are very well suited for wide bandwidth VCOs and VTFs where the optimum combination of very wide tuning range and high quality factor is required. The MA46H070 through MA46H073 (gamma 0.75) family of constant gamma hyperabrupt GaAs tuning varactors has quality factor approaching that of abrupt junction var- actors, but higher capacitance change versus tuning volt- age. These diodes are very well suited for narrower bandwidth VCOs and VTFs where wide tuning range and very high quality factor are required. The MA46504 through MA46506 (gamma 0.5) family of constant gamma abrupt GaAs tuning varactors has the highest quality factor. These diodes are very well suited for narrower bandwidth VCOs and VTFs where highest quality factor is of paramount concern. Case Styles 1056 1088 |
Similar Part No. - MA46H073 |
|
Similar Description - MA46H073 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |