Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3350 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3350_15 Datasheet HTML 6Page - Linear Technology LTC3350_15 Datasheet HTML 7Page - Linear Technology LTC3350_15 Datasheet HTML 8Page - Linear Technology LTC3350_15 Datasheet HTML 9Page - Linear Technology LTC3350_15 Datasheet HTML 10Page - Linear Technology LTC3350_15 Datasheet HTML 11Page - Linear Technology LTC3350_15 Datasheet HTML 12Page - Linear Technology LTC3350_15 Datasheet HTML 13Page - Linear Technology LTC3350_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
LTC3350
10
3350fb
For more information www.linear.com/LTC3350
pin FuncTions
SCL (Pin 1): Clock Pin for the I2C/SMBus Serial Port.
SDA (Pin 2): Bidirectional Data Pin for the I2C/SMBus
Serial Port.
SMBALERT (Pin 3): Interrupt Output. This open-drain
output is pulled low when an alarm threshold is exceeded,
andwillremainlowuntiltheacknowledgementofthepart’s
response to an SMBus ARA.
CAPGD (Pin 4): Capacitor Power Good. This open-drain
output is pulled low when CAPFB is below 92% of its
regulation point.
VC (PIN 5): Control Voltage Pin. This is the compensation
node for the charge current, input current, supercapacitor
stack voltage and output voltage control loops. An RC
network is connected between VC and SGND. Nominal
voltage range for this pin is 1V to 3V.
CAPFB (Pin 6): Capacitor Stack Feedback Pin. This pin
closes the feedback loop for constant voltage regulation.
An external resistor divider between VCAP and SGND with
the center tap connected to CAPFB programs the final
supercapacitor stack voltage. This pin is nominally equal
to the output of the VCAP DAC when the synchronous
controller is in constant voltage mode while charging.
OUTFB (Pin 7): Step-Up Mode Feedback Pin. This pin
closes the feedback loop for voltage regulation of VOUT
duringinputpowerfailureusingthesynchronouscontroller
in step-up mode. An external resistor divider between
VOUT and SGND with the center tap connected to OUTFB
programs the minimum backup supply rail voltage when
inputpowerisunavailable.Thispinisnominally1.2Vwhen
in backup and the synchronous controller is not in current
limit. To disable step-up mode tie OUTFB to INTVCC.
SGND (Pin 8): Signal Ground. All small-signal and com-
pensation components should be connected to this pin,
which in turn connects to PGND at one point. This pin
shouldalsoKelvintothebottomplateofthecapacitorstack.
RT (Pin 9): Timing Resistor. The switching frequency of
the synchronous controller is set by placing a resistor, RT,
from this pin to SGND. This resistor is always required.
If not present the synchronous controller will not start.
GPI (Pin 10): General Purpose Input. The voltage on this
pin is digitized directly by the ADC. For high impedance
inputs an internal buffer can be selected and used to drive
the ADC. The GPI pin can be connected to a negative
temperature coefficient (NTC) thermistor to monitor the
temperature of the supercapacitor stack. A low drift bias
resistor is required from INTVCC to GPI and a thermistor
is required from GPI to ground. Connect GPI to SGND if
not used. The digitized voltage on this pin can be read in
the meas_gpi register.
ITST (Pin 11): Programming Pin for Capacitance Test Cur-
rent. This current is used to partially discharge the capaci-
tor stack at a precise rate for capacitance measurement.
This pin servos to 1.2V during a capacitor measurement.
A resistor, RTST, from this pin to SGND programs the test
current. RTST must be at least 121Ω.
CAPRTN (Pin 12): Capacitor Stack Shunt Return Pin. This
pin is connected to the grounded bottom plate of the first
super capacitor in the stack through a shunt resistor.
CAP1 (Pin 13): First Supercapacitor Pin. The top plate of
the first supercapacitor and the bottom plate of the second
supercapacitor are connected to this pin through a shunt
resistor.CAP1andCAPRTNareusedtomeasurethevoltage
acrossthefirstsupercapacitorandtoshuntcurrentaround
thecapacitortoprovidebalancingandpreventovervoltage.
The voltage between this pin and CAPRTN is digitized and
can be read in the meas_vcap1 register.
CAP2 (Pin 14): Second Supercapacitor Pin. The top plate
of the second supercapacitor and the bottom plate of the
third supercapacitor are connected to this pin through a
shunt resistor. CAP2 and CAP1 are used to measure the
voltage across the second supercapacitor and to shunt


Similar Part No. - LTC3350_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3350EUHF LINER-LTC3350EUHF Datasheet
1Mb / 16P
   High Current Supercapacitor Backup Controller and System Monitor
More results

Similar Description - LTC3350_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3350 LINER-LTC3350 Datasheet
762Kb / 46P
   High Current Supercapacitor Backup Controller and System Monitor
LTC3350EUHF LINER-LTC3350EUHF Datasheet
1Mb / 16P
   High Current Supercapacitor Backup Controller and System Monitor
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Texas Instruments
LMP92018 TI1-LMP92018_14 Datasheet
973Kb / 34P
[Old version datasheet]   LMP92018 Analog System Monitor and Controller
LMP92018 TI-LMP92018_15 Datasheet
919Kb / 33P
[Old version datasheet]   LMP92018 Analog System Monitor and Controller
LMP92001 TI-LMP92001_15 Datasheet
1Mb / 39P
[Old version datasheet]   LMP92001 Analog System Monitor and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com