Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3576 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3576
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3576_15 Datasheet HTML 4Page - Linear Technology LTC3576_15 Datasheet HTML 5Page - Linear Technology LTC3576_15 Datasheet HTML 6Page - Linear Technology LTC3576_15 Datasheet HTML 7Page - Linear Technology LTC3576_15 Datasheet HTML 8Page - Linear Technology LTC3576_15 Datasheet HTML 9Page - Linear Technology LTC3576_15 Datasheet HTML 10Page - Linear Technology LTC3576_15 Datasheet HTML 11Page - Linear Technology LTC3576_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC3576/LTC3576-1
8
3576fb
VBUS Quiescent Current
vs VBUS Voltage (Suspend)
VOUT Voltage
vs Load Current in Suspend
VBUS Current
vs Load Current in Suspend
Battery Charge Current
vs VOUT Voltage
Normalized Battery Charger Float
Voltage vs Temperature
VOUT Voltage vs Battery Voltage
(Charger Overprogrammed)
VBUS Quiescent Current
vs Temperature
Battery Drain Current
vs Temperature
VBUS Quiescent Current in
Suspend vs Temperature
BUS VOLTAGE (V)
0
0
10
20
30
40
50
60
1234
3576 G10
5
LOAD CURRENT (mA)
0
4.0
4.5
5.0
2.0
3576 G11
3.5
3.0
2.5
0.5
1.0
1.5
2.5
HIGH POWER SUSPEND
LOW POWER SUSPEND
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
LOAD CURRENT (mA)
0
1.5
2.0
2.5
2.0
3576 G12
1.0
0.5
0
0.5
1.0
1.5
2.5
HIGH POWER
SUSPEND
LOW POWER SUSPEND
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
VOUT (V)
3.40
0
100
200
300
400
3.50
3.60
3.70
3.80
3576 G13
500
600
3.45
3.55
3.65
3.75
RCLPROG = 3.01k
RPROG = 2k
5 MODE
BATTERY VOLTAGE (V)
2.7
3.9
4.3
4.7
3.9
3576 G14
3.5
3.1
3.7
4.1
4.5
3.3
2.9
2.7
3.0
3.3
3.6
4.2
5 MODE
1 MODE
VBUS = 5V
IVOUT = 0V
RCLPROG = 3.01k
RPROG = 1k
TEMPERATURE (°C)
–40
0.998
0.999
1.000
60
3576 G15
0.997
0.996
–15
10
35
85
1.001
TEMPERATURE (°C)
–40
15
20
25
60
3576 G16
10
5
0
–15
10
35
85
VBUS = 5V
5 MODE
1 MODE
TEMPERATURE (°C)
–40
0
10
20
30
40
50
60
–15
10
35
60
3576 G17
85
VBUS = 5V
TEMPERATURE (°C)
–40
25
30
35
60
3576 G18
20
15
–15
10
35
85
10
5
0
BAT = 3.8V
VBUS = 0V
SWITCHING
REGULATORS OFF
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.


Similar Part No. - LTC3576_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576-1 LINER-LTC3576-1 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
More results

Similar Description - LTC3576_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com