Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3576 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3576
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3576_15 Datasheet HTML 6Page - Linear Technology LTC3576_15 Datasheet HTML 7Page - Linear Technology LTC3576_15 Datasheet HTML 8Page - Linear Technology LTC3576_15 Datasheet HTML 9Page - Linear Technology LTC3576_15 Datasheet HTML 10Page - Linear Technology LTC3576_15 Datasheet HTML 11Page - Linear Technology LTC3576_15 Datasheet HTML 12Page - Linear Technology LTC3576_15 Datasheet HTML 13Page - Linear Technology LTC3576_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LTC3576/LTC3576-1
10
3576fb
Battery Charging from USB-HV
BUCK-USB
USB OTG from BAT-HV BUCK-BAT
Oscillator Frequency
vs Temperature
OVP Connect Waveform
OVP Disconnect Waveform
Rising OVP Threshold
vs Temperature
OVGATE vs OVSENS
OVGATE Quiescent Current
vs Temperature
RST3, CHRG Pin Current
vs Voltage (Pull-Down State)
VOUT
1V/DIV
AC COUPLED
VBUS
100mV/DIV
AC COUPLED
VSW
5V/DIV
HVOK
5V/DIV
0V
0V
500μs/DIV
3576 G28
VBUS = 5V
HVIN = 12V
USING LT3653
VOUT
1V/DIV
AC COUPLED
VBUS
200mV/DIV
AC COUPLED
IBAT
1A/DIV
HVOK
5V/DIV
0V
500μs/DIV
3576 G29
VBAT = 3.8V
IBUS = 285mA
HVIN = 12V
USING LT3653
0A
TEMPERATURE (°C)
–40
2.20
2.25
2.30
60
3576 G30
2.15
2.10
2.05
–15
10
35
85
VOUT = 5V
VOUT = 4.2V
VOUT = 3.6V
VOUT = 3V
VOUT = 2.7V
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
3576 G31
OVP INPUT
VOLTAGE
0V TO 5V
STEP 5V/DIV
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
3576 G32
OVP INPUT
VOLTAGE
5V TO 10V
STEP 5V/DIV
TEMPERATURE (°C)
–40
6.270
6.275
6.280
60
3576 G33
6.265
6.260
6.255
–15
10
35
85
INPUT VOLTAGE (V)
0
0
2
4
6
8
10
12
24
6
8
3576 G34
OVSENS CONNECTED
TO INPUT THROUGH
6.2k RESISTOR
TEMPERATURE (°C)
–40
33
35
37
60
3576 G35
31
29
27
–15
10
35
85
VOVSENS = 5V
RST3, CHRG PIN VOLTAGE (V)
0
60
80
100
4
3576 G36
40
20
0
1
2
3
5
VBUS = 5V
BAT = 3.8V
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.


Similar Part No. - LTC3576_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576-1 LINER-LTC3576-1 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
More results

Similar Description - LTC3576_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com