Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3577_15 Datasheet HTML 6Page - Linear Technology LTC3577_15 Datasheet HTML 7Page - Linear Technology LTC3577_15 Datasheet HTML 8Page - Linear Technology LTC3577_15 Datasheet HTML 9Page - Linear Technology LTC3577_15 Datasheet HTML 10Page - Linear Technology LTC3577_15 Datasheet HTML 11Page - Linear Technology LTC3577_15 Datasheet HTML 12Page - Linear Technology LTC3577_15 Datasheet HTML 13Page - Linear Technology LTC3577_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LTC3577/LTC3577-1
10
3577fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Supply Current
vs Temperature
Input Supply Current
vs Temperature (Suspend Mode)
Battery Drain Current
vs Temperature
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3577E/LTC3577E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: This IC includes over temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when over temperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: VCC is the greater of VBUS, VOUT or BAT.
Note 5: Total input current is the sum of quiescent current, IBUSQ, and
measured current given by VCLPROG/RCLPROG • (hCLPROG + 1).
Note 6: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 7: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the specified maximum pin current rating may result in device
degradation or failure.
Note 8: The serial port is tested at rated operating frequency. Timing
parameters are tested and/or guaranteed by design.
Note 9: VOUT not in UVLO.
Note 10: FB high, not switching.
Note 11: Measured with the LDO running unity gain with output tied to
feedback pin.
Note 12: Dropout voltage is the minimum input to output voltage
differential needed for an LDO to maintain regulation at a specified output
current. When an LDO is in dropout, its output voltage will be equal to
VIN – VDROP.
Note 13: PG_DCDC threshold is expressed as a percentage difference from
the Buck1-3 regulation voltages. The threshold is measured from Buck1-3
output rising.
Note 14: IVOUT_LED is the sum of VOUT and VIN3 current due to LED driver.
Note 15: The IBATQ specifications represent the total battery load assuming
VINLDO1, VINLDO2, VIN12 and VIN3 are tied directly to VOUT.
Note 16: Long-term current density rating for the part.
TA = 25°C unless otherwise specified
TEMPERATURE (°C)
–50
0.7
25
3577 G01
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
VBUS = 5V
1x MODE
TEMPERATURE (°C)
–50
–25
0
0.04
0.10
0
50
75
3577 G02
0.02
0.08
0.06
25
100
125
VBUS = 5V
TEMPERATURE (°C)
–50
0
50
150
200
250
400
350
0
50
75
3577 G03
100
300
–25
25
100
125
PON STATE
Burst Mode OPERATION
NO LOAD ON SUPPLIES, LDOS AND LED
BOOST DISABLED. VBAT = 3.8V,
VBUS = 0V
POFF STATE
PON STATE
PULSE-SKIPPING MODE
HARD RESET STATE


Similar Part No. - LTC3577_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-1 LINER-LTC3577-1 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3577-1 LINER-LTC3577-1 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results

Similar Description - LTC3577_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com