Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3589 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 3 Page - Linear Technology

  LTC3589_15 Datasheet HTML 1Page - Linear Technology LTC3589_15 Datasheet HTML 2Page - Linear Technology LTC3589_15 Datasheet HTML 3Page - Linear Technology LTC3589_15 Datasheet HTML 4Page - Linear Technology LTC3589_15 Datasheet HTML 5Page - Linear Technology LTC3589_15 Datasheet HTML 6Page - Linear Technology LTC3589_15 Datasheet HTML 7Page - Linear Technology LTC3589_15 Datasheet HTML 8Page - Linear Technology LTC3589_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
3
3589fg
For more information www.linear.com/LTC3589
absoluTe MaxiMuM raTings (Notes 1, 3)
orDer inForMaTion
pin conFiguraTion
VIN, DVDD, SW1, SW2, SW3, SW4AB, SW4CD....–0.3V to 6V
SW1, SW2, SW3, SW4AB, SW4CD
(Transients < 1µs, Duty Cycle < 5%)............... –2V to 7V
PVIN1, PVIN2, PVIN3, PVIN4............... –0.3V to VIN + 0.3V
VIN_LDO2, VIN_LDO34......................... –0.3V to VIN + 0.3V
LDO1_STBY, LDO1_FB, BUCK1_FB, BUCK2_FB,
BUCK3_FB, BB_FB, BB_OUT, LDO2, LDO2_FB, LDO3,
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3589EUJ#PBF
LTC3589EUJ#TRPBF
LTC3589UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589IUJ#PBF
LTC3589IUJ#TRPBF
LTC3589UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589HUJ#PBF
LTC3589HUJ#TRPBF
LTC3589UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 150°C
LTC3589EUJ-1#PBF
LTC3589EUJ-1#TRPBF
LTC3589UJ-1
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589IUJ-1#PBF
LTC3589IUJ-1#TRPBF
LTC3589UJ-1
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589HUJ-1#PBF
LTC3589HUJ-1#TRPBF
LTC3589UJ-1
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 150°C
LTC3589EUJ-2#PBF
LTC3589EUJ-2#TRPBF
LTC3589UJ-2
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589IUJ-2#PBF
LTC3589IUJ-2#TRPBF
LTC3589UJ-2
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589HUJ-2#PBF
LTC3589HUJ-2#TRPBF
LTC3589UJ-2
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LDO4, PGOOD, VSTB, EN1, EN2, EN3, EN4, EN_LDO2,
EN_LDO34, EN_LDO3, ON, PBSTAT, WAKE, RSTO,
PWR_ON, IRQ, ........................................... –0.3V to 6V
SDA, SCL ......................................–0.3V to DVDD + 0.3V
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
LTC3589
LTC3589-1/LTC3589-2
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
VIN_LDO2
LDO2
LDO3
LDO4
VIN_LDO34
PVIN1
SW1
RSTO
EN_LDO2
EN1
SCL
PGOOD
VSTB
PVIN3
SW3
SW2
PVIN2
WAKE
PBSTAT
ON
21
30
10
1
TJMAX = 125°C, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
VIN_LDO2
LDO2
LDO3
LDO4
VIN_LDO34
PVIN1
SW1
RSTO
EN_LDO2
EN1
SCL
PGOOD
VSTB
PVIN3
SW3
SW2
PVIN2
WAKE
PBSTAT
ON
21
30
10
1
TJMAX = 125°C, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB


Similar Part No. - LTC3589_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589-1 LINER-LTC3589-1 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3589-1 LINER-LTC3589-1 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
logo
Analog Devices
LTC3589-1 AD-LTC3589-1 Datasheet
1Mb / 30P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
08/21 Rev. A
LTC3589-1 AD-LTC3589-1 Datasheet
1,011Kb / 18P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21 Rev. A
logo
Linear Technology
LTC3589-1 LINER-LTC3589-1_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
More results

Similar Description - LTC3589_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589 LINER-LTC3589 Datasheet
567Kb / 44P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_12 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-2 LINER-LTC3589-2_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-1 LINER-LTC3589-1_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_1 Datasheet
2Mb / 46P
   8-Output Regulator with Sequencing and I2C
LTC3589EUJ-1 LINER-LTC3589EUJ-1 Datasheet
1Mb / 14P
   8-Output Regulator with Sequencing and I2C
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com