Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1553F-L2 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1553F-L2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-L2 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1553F-L2 Datasheet HTML 7Page - New Japan Radio NJG1553F-L2 Datasheet HTML 8Page - New Japan Radio NJG1553F-L2 Datasheet HTML 9Page - New Japan Radio NJG1553F-L2 Datasheet HTML 10Page - New Japan Radio NJG1553F-L2 Datasheet HTML 11Page - New Japan Radio NJG1553F-L2 Datasheet HTML 12Page - New Japan Radio NJG1553F-L2 Datasheet HTML 13Page - New Japan Radio NJG1553F-L2 Datasheet HTML 14Page - New Japan Radio NJG1553F-L2 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NJG1553F
- 11 -
nTYPICAL CHARACTERISTICS (Continued)
Condition
fIF=240MHz
fRF=1900MHz,PRF=-30dBm
fLO=1660MHz,PLO=-10dBm
Condition
fIF=240MHz
fRF=1900MHz
fLO=1660MHz,PLO=-10dBm
Condition
fIF=240MHz
fRF1=1900.0MHz,PRF=-25dBm
fRF2=1900.1MHz
fLO=1660MHz,fLO=-10dBm
IIP3=
3IF-IM3
2
-Gc
@PRF=-25dBm


Similar Part No. - NJG1553F-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553BF-C1 NJRC-NJG1553BF-C1 Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553BF-C2 NJRC-NJG1553BF-C2 Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553BF-C3 NJRC-NJG1553BF-C3 Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553BF-C4 NJRC-NJG1553BF-C4 Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
More results

Similar Description - NJG1553F-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com