Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4EX950L-1225T Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4EX950L-1225T
Description  Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX950L-1225T Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EX950L-1225T Datasheet HTML 1Page - Tyco Electronics MA4EX950L-1225T Datasheet HTML 2Page - Tyco Electronics MA4EX950L-1225T Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-40
-35
-30
-25
-20
-15
-10
700
800
900
1000
1100
1200
FREQUENCY (MHz)
-12
-10
-8
-6
-4
-2
0
700
750
800
850
900
950
1000
1050
1100
1150
1200
FREQUENCY (MHz)
Typical Performance Curves
====
Conversion Loss vs. LO Drive Level
RF = -10 dBm, IF = 60 MHz
Low Cost Silicon Double Balanced HMIC™ Mixer, 700 - 1200 MHz
MA4EX950L-1225
North America:
Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific:
Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe:
Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Case Style
SOT-25
SOT-25
1, 2
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.1103
.1181
2.80
3.10
B
.1023
.1181
2.6
3.00
C
0.0355
.0512
0.9
1.30
D
0.0591
.0669
1.5
1.70
E
.0374 REF.
0.95 REF.
F
.0138
.0197
.35
.50
G
.0031
0.0079
.08
0.2
H
.0002
.0059
.05
.15
J
.0138
.0216
.35
.55
INCHES
1. Dimensions do not include mold flas, protrusion or gate burrs
which shall not exceed 0.0098 in (.25 mm) per side.
2. Leads Coplanarity should be 0.003 (0.08) max.
LO
IF
RF
Schematic
Absolute Maximum Rating
1
1. Exceeding these limits may cause permanent damage.
Parameter
Maximum Ratings
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Incident LO Power
+20 dBm
Incident RF Power
+20 dBm
Mounting Temperature
+ 235°C for 10 seconds
Isolation
RF = -10 dBm, LO = +5 dBm, IF = 60 MHz
+7 dBm
+3 dBm
RF – IF
LO – RF
LO – IF
2


Similar Part No. - MA4EX950L-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MA4EX950L1-1225T MA-COM-MA4EX950L1-1225T Datasheet
65Kb / 4P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
More results

Similar Description - MA4EX950L-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MA4EX950H-1225T MA-COM-MA4EX950H-1225T Datasheet
72Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950H1-1225T MA-COM-MA4EX950H1-1225T Datasheet
81Kb / 3P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950L1-1225T MA-COM-MA4EX950L1-1225T Datasheet
65Kb / 4P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT Datasheet
106Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1400 MHz
logo
Tyco Electronics
MA4EX900L-MOT MACOM-MA4EX900L-MOT Datasheet
131Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1000 MHz
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
   Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T Datasheet
113Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T_1 Datasheet
145Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950H-1225 MACOM-MA4EX950H-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com