Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251412B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 251412B
Description  Typical 1dB bandwidth of 14.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251412B Datasheet(HTML) 1 Page - Integrated Technology Future

  251412B Datasheet HTML 1Page - Integrated Technology Future 251412B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150.0 MHz SAW Filter
Part Number 251412B
Tel: 82-32-621-1213
2013. 04.01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 14.0 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
150.0
-
Insertion Loss
dB
-
24.5
26.0
1dB Bandwidth
MHz
13.90
14.05
-
3dB Bandwidth
MHz
-
14.33
-
40dB Bandwidth
MHz
-
15.51
15.65
Amplitude Ripple (Fo±6.7575MHz)
dB
-
0.50
1.0
Group Delay Variation (Fo±6.7575MHz)
nsec
-
50
100
Absolute Delay
usec
-
2.32
-
Ultimate Rejection
dB
50
55
-
Temperature Coefficient of Frequency
ppm/℃
-
-84
-
*Input POWER : 10dBm
D2012 Package Dimension
Matching Schematic
L1 = 22nH, L2 = 22nH, C1 = 43pF
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
C1
L2
L1
Input
50Ω
Output
50Ω
1
1
1
1
5
5
5
5


Similar Part No. - 251412B

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2514 KR-2514 Datasheet
92Kb / 2P
   Bandpass Filter
logo
Schurter Inc.
2514 SCHURTER-2514 Datasheet
317Kb / 2P
   Power Cord with IEC Plug C7, Angled
logo
Heyco.
2514 HEYCO-2514 Datasheet
154Kb / 1P
   Threaded Smooth Bore Bushings
logo
Renesas Technology Corp
2514-6002 RENESAS-2514-6002 Datasheet
768Kb / 36P
   E2 emulator Lite RTE0T0002LKCE00000R User’s Manual
Rev.3.00 May 2020
logo
3M Electronics
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - 251412B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
250970B ITF-250970B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
251156B ITF-251156B Datasheet
178Kb / 2P
   Typical 1dB bandwidth of 10.85 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com