Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP0545G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZVP0545G
Description  ZVP0545G
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP0545G Datasheet(HTML) 4 Page - Diodes Incorporated

  ZVP0545G_15 Datasheet HTML 1Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 2Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 3Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 4Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 5Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 6Page - Diodes Incorporated ZVP0545G_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZVP0545G
Document number: DS33390 Rev. 4 - 2
4 of 7
www.diodes.com
June 2015
© Diodes Incorporated
ZVP0545G
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS=-10V, ID=-50mA
2.2
2.4
2.6
2.8
3
3.2
3.4
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs Junction
Temperature
I
D=-250µA
I
D=-1mA
0
0.04
0.08
0.12
0.16
0.2
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs Current
T
J=-55℃
T
J=25℃
T
J=85℃
T
J=125℃
T
J=150℃
V
GS=0V
0.1
1
10
100
1000
10000
0
90
180
270
360
450
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Drain-Source Leakge Current vs
Voltage
25
85
125
150
1
10
100
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0.001
0.01
0.1
1
1
10
100
1000
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=150℃
T
C=25℃
V
GS=4.5V
Single Pulse
DUT on 1*MRP Board
R
DS(ON)
Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs


Similar Part No. - ZVP0545G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP0545GTA DIODES-ZVP0545GTA Datasheet
51Kb / 1P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com