Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDT-4V0UA-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDT-4V0UA-HF
Description  Dual ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT-4V0UA-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDT-4V0UA-HF_15 Datasheet HTML 1Page - Comchip Technology CPDT-4V0UA-HF_15 Datasheet HTML 2Page - Comchip Technology CPDT-4V0UA-HF_15 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPDT-4V0UA-HF Thru. CPDT-15UA-HF
Page 1
Maximum Rating and Electrical Characteristics (at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
REV: A
QW-JP036
RoHS Device
- 300W peak pulse power(8/20μs).
Mechanical data
- Case: SOT-23 , plastic package.
- Mounting position: Any.
- 2 Unidirectional Transil functions.
- Low Leakage current.
Circuit Diagram
- Transient protection for data lines as per.
- IEC61000-4-2 ESD protection.
Features
.
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
SOT-23
0.070 (1.78)
1
2
3
0.120 (3.04)
0.110 (2.80)
0.104 (2.64)
0.083 (2.10)
0.020 (0.50)
0.015 (0.37)
0.055 (1.40)
0.047 (1.20)
0.044 (1.11)
0.035 (0.89)
0.080 (2.04)
0.004 (0.100)
0.007 (0.18)
0.003 (0.08)
0.027 (0.69)
0.014 (0.35)
0.001 (0.013)
Dual ESD Protection Diode
Halogen free
3
1
2
Operating temperature range
Parameter
Symbol
Value
300
260
-40 to +125
Unit
W
°C
TL
PPP
TOP
°C
Peak pulse power ( tp = 8/20µs )
Lead temperature for soldering during 10s
°C
Storage temperature range
-55 to +150
TSTG
TJ
VPP
Electrostatic discharge
15
kV
°C
Junction temperature
150
IEC 61000-4-2(Air discharge)
IEC 61000-4-2(Contact
)
discharge
8


Similar Part No. - CPDT-4V0UA-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
   Dual ESD Protection Diode
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
   Dual ESD Protection Diode
More results

Similar Description - CPDT-4V0UA-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
   Dual ESD Protection Diode
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
   Dual ESD Protection Diode
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B Datasheet
159Kb / 6P
   Dual Line ESD Protection Diode Array
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com