Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4M1100 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4M1100
Description  MNS Microwave Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4M1100 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4M1100 Datasheet HTML 1Page - Tyco Electronics MA4M1100 Datasheet HTML 2Page - Tyco Electronics MA4M1100 Datasheet HTML 3Page - Tyco Electronics MA4M1100 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
MNS Microwave Chip Capacitors
MA4M Series
V3.00
Bonding and Handling Considerations for
MNS Chip Capacitors
Handling
Normal precautions that are common to the handling of hybrid
semiconductors also apply to MNS chip capacitors. Removal of
chips from waffle packs and subsequent handling should be
done with a vacuum pencil. Pencils equipped with either metal-
lic or nonmetallic tips are acceptable.
Surface Preparation
Each MNS chip and substrate should be free of oils and other
surface contamination. Such contaminants may result in poor
solder wetting. Cleansing can be done with acetone, alcohol,
freon, TMS or other common microelectronic solvents. Bur-
nishing of MNS capacitor chips is not necessary or recom-
mended.
Solder
Soldering temperatures up to 300ºC are acceptable for a duration
not greater than 5 seconds for MNS chip capacitors. Any of the
common tin-lead-silver, lead-indium, or higher temperature gold
alloy solders are acceptable provided that the 300ºC temperature
is not exceeded.
Pure tin or tin-antimony solders are not
recommended. Cleaning of residual flux is required and can be
accomplished with a fluorinated or chlorinated solvent.
Conductive Epoxy
Any of the conductive epoxies that are available for semicon-
ductor die attachment are acceptable for MNS chip capacitor
attachment. Follow the manufacturer’s recommendations for
mixing and application carefully. Take care to seat the capacitor
on the substrate using a soft implement.
Lead Bonding
Ball, ultrasonic, TC or pulse bonding of the wire or ribbon leads
are all acceptable methods. Temperature for the pulse bonder
should not exceed 300ºC. Maximum pressure applied to the
MNS capacitor chips should not exceed 25 grams for any of the
methods used. Proper procedure will result in bond strength that
exceeds MIL-STD-883B Method 2011.2 for gold wire or gold
ribbon.


Similar Part No. - MA4M1100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M1100 MA-COM-MA4M1100 Datasheet
128Kb / 4P
   MNS Microwave Chip Capacitors
MA4M1100 MA-COM-MA4M1100 Datasheet
140Kb / 4P
   MNS Microwave Chip Capacitors
MA4M1100 MA-COM-MA4M1100 Datasheet
486Kb / 5P
   MNS Microwave Chip Capacitors
More results

Similar Description - MA4M1100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
   MNS Microwave Chip Capacitors
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
   MNS Microwave Chip Capacitors
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
   MNS Microwave Chip Capacitors
logo
Microsemi Corporation
GC84001 MICROSEMI-GC84001 Datasheet
78Kb / 2P
   PASSIVE DEVICES MNS Capacitors
logo
Panasonic Semiconductor
ECD-G0E3R3B PANASONIC-ECD-G0E3R3B Datasheet
233Kb / 6P
   High-Q Capacitors (Microwave Chip Capacitors)
logo
Gamewell-FCI by Honeywe...
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
   Combined Fire and MNS System
logo
AVX Corporation
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
AVX Corporation
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com