Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3883 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3883
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 5 Page - Linear Technology

  LTC3883_15 Datasheet HTML 1Page - Linear Technology LTC3883_15 Datasheet HTML 2Page - Linear Technology LTC3883_15 Datasheet HTML 3Page - Linear Technology LTC3883_15 Datasheet HTML 4Page - Linear Technology LTC3883_15 Datasheet HTML 5Page - Linear Technology LTC3883_15 Datasheet HTML 6Page - Linear Technology LTC3883_15 Datasheet HTML 7Page - Linear Technology LTC3883_15 Datasheet HTML 8Page - Linear Technology LTC3883_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
LTC3883/LTC3883-1
5
3883fb
For more information www.linear.com/LTC3883
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VIN = 12V, VRUN = 3.3V, fSYNC = 500kHz (externally
driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Input Voltage Range
(Note 12)
l
4.5
24
V
IQ
Input Voltage Supply Current
Normal Operation
(Note 14)
VRUN = 3.3V, No Caps on TG and BG
VRUN = 0V
30
20
mA
mA
VUVLO
Undervoltage Lockout Threshold
when VIN > 4.2V
VINTVCC/VEXTVCC Falling
VINTVCC/VEXTVCC Rising
3.7
3.95
V
V
TINT
Initialization Time from VIN Applied Until the
TON_DELAY Timer Starts
145
ms
Control Loop
VOUTR0
Full-Scale Voltage Range 0
Set Point Accuracy (0.6V to 5V)
Resolution
LSB Step Size
VOUT_COMMAND = 5.500V (Note 9)
l
l
5.422
–0.5
12
1.375
5.576
0.5
V
%
Bits
mV
VOUTR1
Full-Scale Voltage Range 1
Set Point Accuracy (0.6V to 2.5V)
Resolution
LSB Step Size
VOUT_COMMAND = 2.75V (Note 9)
l
l
2.711
–0.5
12
0.6875
2.788
0.5
V
%
Bits
mV
VLINEREG
Line Regulation
6V < VIN < 24V
l
±0.02
%/V
VLOADREG
Load Regulation
∆VITH = 1.35V – 0.7V
∆VITH = 1.35V – 2.0V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm
Error Amplifier gm
ITH =1.22V
3
mmho
IISENSE
Input Current
VISENSE = 5.5V
l
±1
±2
µA
VSENSERIN
VSENSE Input Resistance to Ground
0V ≤ VPIN ≤ 5.5V
47
VIlLIMIT
Resolution
3
bits
VILIMMAX
Hi Range
Lo Range
l
l
68
44
75
50
82
56
mV
mV
VILIMMIN
Hi Range
Lo Range
37.5
25
mV
mV
Gate Driver
TG
tr
tf
TG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
30
30
ns
ns
BG
tr
tf
BG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
20
20
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay Time
(Note 4) CLOAD = 3300pF
10
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay Time
(Note 4) CLOAD = 3300pF
30
ns
tON(MIN)
Minimum On-Time
90
ns
OV/UV Output Voltage Supervisor
N
Resolution
8
bits
VRANGE0
Voltage Range
Range Value = 0
1
5.5
V
VRANGE1
Voltage Range
Range Value = 1
0.4
2.7
V
VOUSTP0
Step Size
Range Value = 0
22
mV
VOUSTP1
Step Size
Range Value = 1
11
mV
VTHACC0
Threshold Accuracy 2V < VOUT < 5V
Range Value = 0
l
±2
%
VTHACC1
Threshold Accuracy 0.9V < VOUT < 2.5V
Range Value = 1
l
±2
%
tPROPOV1
OV Comparator to GPIO Low Time
VOD = 10% of Threshold
35
µs
tPROPUV1
UV Comparator to GPIO Low Time
VOD = 10% of Threshold
35
µs


Similar Part No. - LTC3883_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883-1 LINER-LTC3883-1 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3883-1 LINER-LTC3883-1 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
More results

Similar Description - LTC3883_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Linear Technology
LTC3883EUH LINER-LTC3883EUH Datasheet
1Mb / 16P
   Single-Phase, Step-Down DC/DC Controller with Digital Power Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
   3-Phase Step-Down DC/DC Controller with Power System Management
logo
Analog Devices
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
   60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com