Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3892 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 4 Page - Linear Technology

  LTC3892_15 Datasheet HTML 1Page - Linear Technology LTC3892_15 Datasheet HTML 2Page - Linear Technology LTC3892_15 Datasheet HTML 3Page - Linear Technology LTC3892_15 Datasheet HTML 4Page - Linear Technology LTC3892_15 Datasheet HTML 5Page - Linear Technology LTC3892_15 Datasheet HTML 6Page - Linear Technology LTC3892_15 Datasheet HTML 7Page - Linear Technology LTC3892_15 Datasheet HTML 8Page - Linear Technology LTC3892_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3892/LTC3892-1
4
38921f
For more information www.linear.com/LTC3892
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN1,2 = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG1 = FLOAT unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range
4.5
60
V
VFB1
Channel 1 Regulated Feedback Voltage
(Note 4) ITH1 Voltage = 1.2V
0°Cto85°C,VPRG1=FLOAT(LTC3892)orLTC3892-1
VPRG1 = FLOAT (LTC3892) or LTC3892-1
VPRG1 = 0V (LTC3892) or LTC3892-1
VPRG1 = INTVCC (LTC3892) or LTC3892-1)
l
l
l
0.792
0.788
3.234
4.890
0.800
0.800
3.3
5.0
0.808
0.812
3.366
5.110
V
V
V
V
VFB2
Channel 2 Regulated Feedback Voltage
(Note 4) ITH2 Voltage = 1.2V
0°Cto85°C
l
0.792
0.788
0.800
0.800
0.808
0.812
V
V
IFB2
Channel 2 Feedback Current
(Note 4)
–2
±50
nA
IFB1
Channel 1 Feedback Current
(Note 4)
VPRG1 = FLOAT (LTC3892) or LTC3892-1
VPRG1 = 0V (LTC3892 Only)
VPRG1 = INTVCC (LTC3892 Only)
–0.002
4
4
±0.05
6
6
µA
µA
µA
VREFLNREG
Reference Voltage Line Regulation
(Note 4) VIN = 4.5V to 60V
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2
Transconductance Amplifier gm
(Note 4) ITH1,2 = 1.2V, Sink/Source 5µA
2
mmho
IQ
Input DC Supply Current
(Note 5) VDRVSET = 0V
Pulse-Skipping or Forced Continuous Mode
(One Channel On)
RUN1 = 5V and RUN2 = 0V or
RUN2 = 5V and RUN1 = 0V,
VFB1,2 = 0.83V (No Load)
1.6
mA
Pulse-Skipping or Forced Continuous Mode
(Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
2.8
mA
Sleep Mode (One Channel On)
RUN1 = 5V and RUN2 = 0V or
RUN2 = 5V and RUN1 = 0V,
VFB1,2 = 0.83V (No Load)
l
29
55
µA
Sleep Mode (Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
34
55
µA
Shutdown
RUN1,2 = 0V
3.6
10
µA
UVLO
Undervoltage Lockout
DRVCC Ramping Up
DRVUV = 0V
DRVUV = INTVCC
l
l
4.0
7.5
4.2
7.8
V
V
DRVCC Ramping Down
DRVUV = 0V
DRVUV = INTVCC
l
l
3.6
6.4
3.8
6.7
4.0
7.0
V
V
VOVL1,2
Feedback Overvoltage Protection
Measured at VFB1,2 Relative to Regulated VFB1,2
7
10
13
%
ISENSE1,2+
SENSE+ Pin Current
±1
µA
ISENSE1,2
SENSEPins Current
VOUT1,2 < VINTVCC – 0.5V
VOUT1,2 > VINTVCC + 0.5V
700
±1
µA
µA
DFMAX(TG)
Maximum Duty Factor for TG
In Dropout, FREQ = 0V
97.5
99
%
ITRACK/SS1,2
Soft-Start Charge Current
VTRACK/SS1,2 = 0V
8
10
12
µA


Similar Part No. - LTC3892_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892-1 LINER-LTC3892-1 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3892-1 LINER-LTC3892-1 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3892-1 LINER-LTC3892-1 Datasheet
1Mb / 32P
   Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC3892-1 LINER-LTC3892-1 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3892_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com