Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4020 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4020
Description  55V Buck-Boost Multi-Chemistry Battery Charger
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4020 Datasheet(HTML) 4 Page - Linear Technology

  LTC4020_15 Datasheet HTML 1Page - Linear Technology LTC4020_15 Datasheet HTML 2Page - Linear Technology LTC4020_15 Datasheet HTML 3Page - Linear Technology LTC4020_15 Datasheet HTML 4Page - Linear Technology LTC4020_15 Datasheet HTML 5Page - Linear Technology LTC4020_15 Datasheet HTML 6Page - Linear Technology LTC4020_15 Datasheet HTML 7Page - Linear Technology LTC4020_15 Datasheet HTML 8Page - Linear Technology LTC4020_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC4020
4
4020fb
For more information www.linear.com/LTC4020
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
VBAT
Charger Output Voltage Range
l
55
V
VFB
Float Reference
Auto Recharge Voltage
Precondition Threshold (Rising)
Precondition Hysteresis
CC/CV Charging (MODE = 0V)
% of Float Reference
% of Float Reference
l
l
l
2.4875
2.475
96.5
68
2.5
97.5
70
85
2.5125
2.525
98.5
72
V
V
%
%
mV
Absorption Reference
Float Reference
Bulk Charge Threshold (Falling)
Precondition Threshold (Rising)
Precondition Hysteresis
Lead-Acid Charging (MODE = INTVCC)
% of Absorption Reference
% of Absorption Reference
% of Absorption Reference
l
l
l
l
2.4875
2.475
91.5
86
68
2.5
92.5
87.5
70
85
2.5125
2.525
93.5
89
72
V
V
%
%
%
mV
Voltage Reference
CC Charging (MODE = - NC -)
l
2.4875
2.475
2.5
2.5125
2.525
V
V
VIN_REG
Input Regulation Reference
% of Float (CC/CV), Safety (CC), or
Absorption (LA) Reference
l
98
100
102
%
VFBMIN
Instant-On Reference
% of Float (CC/CV) or Absorption (LA)
Reference
l
84
85
86
%
C/10 Detection Enable (Rising)
Hysteresis (Falling)
2.175
20
V
mV
Instant-On Charge Current Reduction
Threshold
VCSN – VBAT; Note 4
0.45
V
C/10 Detection Enable
C/10 Detection Hysteresis
VCSN – VBAT Falling
VCSN – VBAT Rising
1.05
150
V
mV
Charge Current Reduction Gain
ΔVCS(MAX)/Δ(VCSN – VBAT);Note 4
–33
mV/V
IBATQ
Battery Bias Currents with PowerPath
Switcher Disabled
ICSP + ICSN + IBAT
l
9
18
µA
CSN, CSP
Charger Current Sense Pin Operating Bias
Currents
ICSP = ICSN; Charging Enabled
40
µA
Charger Current Sense Limit Voltage
VCSP – VCSN
l
47.5
50
52.5
mV
Charger Current Sense Termination Voltage
(C/10)
VCSP – VCSN; MODE = 0V
l
3
5
7
mV
Charger Current Sense Precondition Voltage
VCSP – VCSN; VFB = 1.5
l
1.5
3
4.5
mV
Sense Input UVLO
UVLO Hysteresis
VCSP Rising (Charging Enabled)
VCSP Falling (Charging Disabled)
l
1.6
1.75
100
1.9
V
mV
CSOUT
Offset
VCSP = VCSN
l
0.225
0.25
0.290
V
Gain
ΔVCSOUT / Δ(VCSP – VCSN)
l
19
20
21
V/V
RNG/SS
Current Limit Programming
VRNG/SS = 0.5V; VRNG/SS/VCS(MAX)
l
18
20
22
V/V
NTC
NTC Range Limit (High)
NTC Range Limit (Low)
NTC Range Hysteresis
VNTC Rising
VNTC Falling
% of VNTC(H,L)
l
l
1.30
0.27
1.35
0.3
20
1.40
0.33
V
V
%
INTC
NTC Pin Bias Current
VNTC = 0.8V
l
47.5
50
52.5
µA
NTC Disable Current
INTC Pin Current (Falling)
3.5
µA
NTC Disable Current Hysteresis
2
µA
VBGATE
Gate Clamp Voltage
VCSN – VBGATE
l
7
9.5
12
V
C/10 Detection Enable (Falling)
C/10 Detection Enable Hysteresis
VCSN < 7V
0.425
0.125
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). PVIN = SENSVIN = CSP = CSN = BAT = 20V, SHDN = 2V,
C(TG1, BG1, TG2, BG2) = 1000pF, VRNG/SS = 2V.


Similar Part No. - LTC4020_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
   High Power Buck-Boost Multi-Chemistry Battery Charger
More results

Similar Description - LTC4020_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4020 LINER-LTC4020 Datasheet
420Kb / 42P
   55V Buck-Boost Multi-Chemistry Battery Charger
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
   High Power Buck-Boost Multi-Chemistry Battery Charger
LTC4013EUFD LINER-LTC4013EUFD Datasheet
875Kb / 14P
   60V Synchronous Buck Multi-Chemistry Battery Charger
LTC4013 LINER-LTC4013 Datasheet
1Mb / 38P
   60V Synchronous Buck Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com