Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF16N25F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KF16N25F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF16N25F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KF16N25F Datasheet HTML 1Page - KEC(Korea Electronics) KF16N25F Datasheet HTML 2Page - KEC(Korea Electronics) KF16N25F Datasheet HTML 3Page - KEC(Korea Electronics) KF16N25F Datasheet HTML 4Page - KEC(Korea Electronics) KF16N25F Datasheet HTML 5Page - KEC(Korea Electronics) KF16N25F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014. 12. 01
2/6
KF16N25F
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250㎂ , VGS=0V
250
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=250㎂, Referenced to 25℃
-
0.29
-
V/
Drain Cut-off Current
IDSS
VDS=250V, VGS=0V,
-
-
10
Gate Threshold Voltage
Vth
VDS=VGS, ID=250㎂
2.0
-
4.0
V
Gate Leakage Current
IGSS
VGS=±30V, VDS=0V
-
-
±100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=8A
-
0.2
0.24
Dynamic
Total Gate Charge
Qg
VDS=200V, ID=16A
VGS=10V
(Note4,5)
-
21
-
nC
Gate-Source Charge
Qgs
-
5
-
Gate-Drain Charge
Qgd
-
8
-
Turn-on Delay time
td(on)
VDD=125V
ID=16A
RG=25Ω
(Note4,5)
-
23
-
ns
Turn-on Rise time
tr
-
19
-
Turn-off Delay time
td(off)
-
57
-
Turn-off Fall time
tf
-
22
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
930
-
pF
Output Capacitance
Coss
-
140
-
Reverse Transfer Capacitance
Crss
-
16
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
13
A
Pulsed Source Current
ISP
-
-
39
Diode Forward Voltage
VSD
IS=16A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
trr
IS=16A, VGS=0V,
dIs/dt=100A/
-
170
-
ns
Reverse Recovery Charge
Qrr
-
1.15
-
μC
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L=1.07mH, IS=16A, VDD=50V, RG=25Ω, Starting Tj=25℃.
Note 3) IS≤16A, dI/dt≤100A/㎲, VDD≤BVDSS, Starting Tj=25℃.
Note 4) Pulse Test : Pulse width
≤300㎲, Duty Cycle≤2%.
Note 5) Essentially independent of operating temperature.
2
PRODUCT NAME
LOT NO
1
001
2
KF16N25
F
1
Marking


Similar Part No. - KF16N25F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF16N25D KEC-KF16N25D Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF16N25F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com