Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB8D0P30QA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB8D0P30QA
Description  P-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB8D0P30QA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB8D0P30QA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB8D0P30QA_15 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 6. 15
2/4
KMB8D0P30QA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃) UNLESS OTHERWISE NOTED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250μ
A
-30
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=-24V
-
-
-1
μA
Gate to Source Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate to Source Threshold Voltage
Vth
VDS=VGS, ID=-250μ
A
-1.0
-
-3.0
V
Drain to Source On Resistance
RDS(ON)
VGS=-10V, ID=-8A
(Note2)
-
15
20
m
VGS=-4.5V, ID=-5A
(Note2)
-
25
35
Forward Transconductance
gfs
VDS=-5V, ID=-8A
(Note2)
-
6
-
S
Dynamic
Input Capaclitance
Ciss
VDS=-15V, VGS=0V, f=1MHz
(Note2)
-
1371
-
pF
Ouput Capacitance
Coss
-
295
-
Reverse Transfer Capacitance
Crss
-
176
-
Total Gate Charge
VGS=10V
Qg
VDS=-15V, VGS=-10V, ID=-8A
(Note2)
-
28.2
-
nC
VGS=4.5V
-
15.0
-
Gate to Source Charge
Qgs
-
5.0
-
Gate to Drain Charge
Qgd
-
6.4
-
Turn-On Delay Time
td(on)
VDS=-15V, VGS=-10V
ID=-8A, RG=1.6Ω
(Note2)
-
11.2
-
ns
Turn-On Rise Time
tr
-
5.8
-
Turn-Off Delay Time
td(off)
-
65.0
-
Turn-Off Fall Time
tf
-
25.0
-
Source to Drain Diode Ratings
Source to Drain Forward Voltage
VSD
VGS=0V, IS=-1.7A
(Note2)
-
-0.75
-1.2
V
Note2) Pulse Test : Pulse Width
≤300㎲, Duty Cycle≤2%


Similar Part No. - KMB8D0P30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB8D0P30QA KEC-KMB8D0P30QA Datasheet
59Kb / 4P
   P-Ch Trench MOSFET
More results

Similar Description - KMB8D0P30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com