Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1701V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1701V
Description  PHS MULTI-FUNCTION GaAs MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1701V Datasheet(HTML) 1 Page - New Japan Radio

  NJG1701V Datasheet HTML 1Page - New Japan Radio NJG1701V Datasheet HTML 2Page - New Japan Radio NJG1701V Datasheet HTML 3Page - New Japan Radio NJG1701V Datasheet HTML 4Page - New Japan Radio NJG1701V Datasheet HTML 5Page - New Japan Radio NJG1701V Datasheet HTML 6Page - New Japan Radio NJG1701V Datasheet HTML 7Page - New Japan Radio NJG1701V Datasheet HTML 8Page - New Japan Radio NJG1701V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NJG1701V
- 1 -
PHS MULTI-FUNCTION GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1701V is a GaAs multi-function MMIC composed of a
power amplifier, a SPDT switch and a LNA for Japanese PHS
or WLL application. The SSOP20 package is adopted and
effective for downsizing of handsets.
NJG1701V is operated at low voltage with low current and
low distortion PA, low loss switch and low noise and high gain
LNA.
nAPPLICATION
lPHS, Digital cordless phone
nFEATURES
(Operating frequency f=1.9GHz)
Transmitting Mode Operation
lDrain Voltage (PA)
3.0V typ.
lGain
32dB typ.
lCurrent consumption
160mA typ. @POUT=20dBm
lGain variable range
33dB typ.
Receiving Mode Operation
lDrain Voltage (LNA)
3.0 typ.
lGain
14dB typ.
lCurrent consumption
2.8mA typ.
lNF
2.7dB typ.
lControl Voltage (SW)
2.7V typ.
lPackage
SSOP20 (Mount Size: 6.4x6.5x1.25mm)
nPIN CONFIGURATION
Pin Connection
1.ANT
11.GND
2.GND
12.GND
3.VSW2
13.VDD3
4.GND
14.VDD2
5.VDD1
15.GND
6.VGG1
16.LNAOUT
7.VCONT
17.GND
8.VGG2
18.EXTIND
9.GND
19.GND
10.PAIN
20.VSW1
V Type
(Top View)
10
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
NJG1701V


Similar Part No. - NJG1701V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C3 NJRC-NJG1704KC1-C3 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1701V

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com