Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0012SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0012SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 6Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 7Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Miniature Broadband Gain Stage, 200 - 3000 MHz
MAALSS0012
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
2
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
RF Input Power
15 dBm
Voltage
6.0 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
1. Exceeding any one or combination of these limits may cause
permanent damage.
2. Minimum MTTF is 1x10
6 at +85°C, +5V, and 100 mA.
1. Series inductor and decoupling capacitor recommended
on pin 6.
PIN Configuration
PIN
Function
Description
1
GND
Ground
2
GND
Ground
3
RF In
RF input
4
GND
Ground
5
GND
Ground
6
1
RF Out/VDD
RF output & drain voltage input
Typical Performance Curves
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 2.7V
S21 2.7V
S22 2.7V
S-Parameters VDD @ 2.7 V, T = 25 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 5.0V
S21 5.0V
S22 5.0V
S-Parameters VDD @ 5.0 V, T = 25 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 3.0V
S21 3.0V
S22 3.0V
S-Parameters VDD @ 3.0 V, T = 25 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S11 2.7V
S21 2.7V
S22 2.7V
S-Parameters VDD @ 2.7 V, T = - 40° C


Similar Part No. - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
More results

Similar Description - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com