Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAALSS0012SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAALSS0012SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 6Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 7Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Miniature Broadband Gain Stage, 200 - 3000 MHz
MAALSS0012
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
4
Typical Performance Curves (Cont’d)
12
13
14
15
16
17
18
19
20
0.51.0
1.52.0
2.53.0
3.54.0
FREQUENCY (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
25C
-40C
85C
Noise Figure @ 5.0 Volts
P1dB VDD = 2.7 Volts
15
16
17
18
19
20
21
22
23
24
0.51.0
1.52.0
2.53.0
3.54.0
FREQUENCY (GHz)
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
P1dB VDD = 3.0 Volts
P1dB VDD = 5.0 Volts
25C
-40C
85C
25C
-40C
85C
25C
-40C
85C
0.0
0.5
1.0
1.5
2.0
2.5
0.40.8
1.21.6
2.02.4
2.83.2
3.6
4.0
FREQUENCY (GHz)
25C
-40C
85C
0.0
0.5
1.0
1.5
2.0
2.5
0.40.8
1.21.6
2
2.4
2.83.2
3.6
4
FREQUENCY (GHz)
25C
-40C
85C
Noise Figure @ 2.7 Volts
Noise Figure @ 3.0 Volts


Similar Part No. - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
More results

Similar Description - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com