Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0012SMB Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAALSS0012SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0012SMB Datasheet(HTML) 5 Page - Tyco Electronics

  MAALSS0012SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 6Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 7Page - Tyco Electronics MAALSS0012SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Miniature Broadband Gain Stage, 200 - 3000 MHz
MAALSS0012
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
5
Typical S-Parameter Data: 2.7 Volts @ 80 mA
Frequency
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
400.000
0.2256
-37.03
6.0729
156.17
0.0589
9.34
0.2671
165.08
504.000
0.2219
-42.93
5.9561
151.08
0.0591
10.84
0.2619
160.07
608.000
0.2226
-49.32
5.8267
146.22
0.0591
12.80
0.2526
156.14
660.000
0.2221
-52.48
5.7584
143.68
0.0592
13.54
0.2466
154.05
764.000
0.2214
-58.65
5.6232
138.86
0.0599
15.45
0.2374
149.97
868.000
0.2210
-64.80
5.4826
134.19
0.0600
17.93
0.2267
146.22
972.000
0.2197
-70.49
5.3068
129.42
0.0603
19.95
0.2148
142.03
1076.000
0.2216
-76.33
5.1677
125.01
0.0616
22.51
0.2043
139.02
1180.000
0.2224
-82.01
5.0128
120.76
0.0624
24.49
0.1926
136.09
1284.000
0.2211
-87.07
4.8508
116.57
0.0644
27.03
0.1848
132.86
1388.000
0.2231
-92.07
4.7231
112.63
0.0660
29.49
0.1743
130.63
1492.000
0.2241
-96.75
4.5778
108.93
0.0679
31.65
0.1646
128.19
1596.000
0.2252
-101.10
4.4398
105.21
0.0702
33.37
0.1556
125.64
1700.000
0.2270
-105.62
4.3034
101.69
0.0724
35.52
0.1462
124.69
1804.000
0.2292
-109.34
4.1744
98.20
0.0759
37.62
0.1375
123.32
1908.000
0.2305
-113.34
4.0432
94.87
0.0783
38.40
0.1275
122.77
2012.000
0.2310
-117.21
3.9288
91.64
0.0816
39.90
0.1223
121.44
2116.000
0.2344
-120.73
3.8106
88.45
0.0851
41.32
0.1137
121.94
2220.000
0.2358
-124.00
3.7100
85.29
0.0885
42.07
0.1068
121.71
2324.000
0.2373
-127.52
3.6114
82.27
0.0928
43.01
0.1017
121.75
2428.000
0.2393
-130.65
3.5092
79.46
0.0963
44.00
0.0976
122.79
2532.000
0.2409
-134.18
3.4345
76.78
0.1004
44.58
0.0953
124.23
2636.000
0.2433
-137.24
3.3304
74.03
0.1050
45.43
0.0917
126.82
2740.000
0.2464
-139.90
3.2393
71.51
0.1089
45.57
0.0893
129.07
2844.000
0.2053
-142.69
3.1674
68.72
0.1134
46.28
0.0896
132.63
2948.000
0.2525
-145.50
3.0927
66.24
0.1179
46.25
0.0879
136.79
3000.000
0.2559
-146.99
3.0589
64.75
0.1206
46.24
0.0897
139.73


Similar Part No. - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
More results

Similar Description - MAALSS0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com