Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD02035_TEG Datasheet(PDF) 2 Page - RMT Ltd.

Part # 1MD02035_TEG
Description  Thermoelectric Power Generating Solutions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD02035_TEG Datasheet(HTML) 2 Page - RMT Ltd.

  1MD02035_TEG Datasheet HTML 1Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 2Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 3Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 4Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 5Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 6Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 7Page - RMT Ltd. 1MD02035_TEG Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.08
0.15
0.23
0.30
0.38
0.45
0.53
0.60
0.007
0.013
0.020
0.027
0.033
0.040
Hot Side Temperature, ºC
27
32
37
42
47
52
57
62
67
72
77
82
87
Power
Voltage
0.15
0.30
0.45
0.60
0.75
0.90
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Ratio Rload/Rteg
0.00 0.60 1.20 1.60 2.20 2.80 3.40 4.00 4.60 5.20 5.80 6.40 7.00 7.60 8.20 8.80 9.40
Efficiency
Voltage
Performance
Data
1MD02-035-03TEG
Parameter
Units
Values at Hot Side Temperature
85°C
55°C
35°C
Cold Side Temperature, Tcold
°C
27
27
27
Optimum Efficiency, Opt η
%
2.67
1.34
0.39
Optimum Power, Popt
W
0.031
0.008
0.001
Optimum Voltage, Uopt
V
0.507
0.241
0.068
AC Resistance, Rteg
Ohm
6.06
5.63
5.34
Optimum Load Resistance, Rload
Ohm
8.18
7.60
7.16
Open Circuit Voltage,Uoc
V
0.88
0.42
0.12
Short Circuit Current, Isc
A
0.15
0.07
0.02
Thermal Resistance, Rt
°C/W
49.21
49.16
49.06
Thermoelectric Power Generating Solutions
0.07
0.13
0.20
0.27
0.33
0.40
0.002
0.004
0.006
0.008
0.010
0.012
Hot Side Temperature, K
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
Power
Voltage
Tcold=27ºC
Tcold=50ºC
Note: Power Generation performance charts are specified in Optimum conditions, dry air, with cold side
temperature set at +27ºC and 50ºC. Heatsink thermal resistance is not included into estimations.
!
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2014. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page # of #
2
8


Similar Part No. - 1MD02035_TEG

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MD02004 RMT-1MD02004 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
1MD02008 RMT-1MD02008 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
1MD02012 RMT-1MD02012 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
1MD02012 RMT-1MD02012_1 Datasheet
1Mb / 7P
   Thermoelectric Cooling Solutions
1MD02014 RMT-1MD02014 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
More results

Similar Description - 1MD02035_TEG

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MD02040_TEG RMT-1MD02040_TEG Datasheet
3Mb / 8P
   Thermoelectric Power Generating Solutions
1MD02040_1TEG RMT-1MD02040_1TEG Datasheet
3Mb / 8P
   Thermoelectric Power Generating Solutions
1MD02024_TEG RMT-1MD02024_TEG Datasheet
3Mb / 8P
   Thermoelectric Power Generating Solutions
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC04-126-05D20 RMT-HTC04-126-05D20 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-03L04 RMT-HRD02-040-03L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-059-05L08 RMT-HFD04-059-05L08 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-126-08D30 RMT-HTC06-126-08D30 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com