Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7663R Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7663R
Description  PHS MULTI-FUNCTION GaAs MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7663R Datasheet(HTML) 2 Page - New Japan Radio

  NJU7663R Datasheet HTML 1Page - New Japan Radio NJU7663R Datasheet HTML 2Page - New Japan Radio NJU7663R Datasheet HTML 3Page - New Japan Radio NJU7663R Datasheet HTML 4Page - New Japan Radio NJU7663R Datasheet HTML 5Page - New Japan Radio NJU7663R Datasheet HTML 6Page - New Japan Radio NJU7663R Datasheet HTML 7Page - New Japan Radio NJU7663R Datasheet HTML 8Page - New Japan Radio NJU7663R Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NJG1701V
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Zs=Zl=50
Ω, T
a=25°C)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
Drain Voltage1
VDD1
6.0
V
Drain Voltage2
VDD2,3
VGG1,2=-0.9V
6.0
V
Gate Voltage
VGG1,2
VDD2,3=3.0V
-4.0
V
Gain Control Voltage
Vcont
VDD2,3=3.0V
-4.0
V
Control Voltage
VSW1,2
6.0
V
Input Power1
ANT
VDD1=3.0V, VSW1=0V, VSW2=2.7V
0
dBm
Input Power2
PAin
VDD2,3=3.0V, VGG1,2=-0.9V
3
dBm
Power Dissipation
PD
At on PCB board
800
mW
Operating Temp.
Topr
-30~+85
°C
Storage Temp.
Tstg
-40~+150
°C
nELECTRICAL CHARACTERISTICS 1 (TRANSMITTING MODE: PAin–ANT)
(f=1.90GHz, VSW1=2.7V, VSW2=0V, VCONT=0V, Zs=Zl=50
Ω, V
DD1=0V, Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating frequency
freq
VDD2,3=3.0V
1.89
1.90
1.92
GHz
Drain voltage
VDD2,3
VDD2,3=3.0V, Iidle=150mA
2.9
3.0
5.2
V
Gate voltage
VGG1,2
VDD2,3=3.0V, No RF Signal
-1.3
-0.9
-0.5
V
Idle current *1
Iidle
Pout=20dBm, VDD2,3=3.0V
145
150
155
mA
Operating current *1
IDD2,3
Pout=20dBm, VDD2,3=3.0V
145
160
175
mA
Gate current *2
IGG
Pout=20dBm, VDD2,3=3.0V
-50.0
-10.0
0.0
uA
Gain control terminal
current
ICONT
-2.0<VCONT<0.0V
-5.0
-2.0
0.0
uA
Gain control voltage
VCONT
Pout=20dBm, VDD2,3=3.0V
-2.0
0.0
0.0
V
Control voltage1
VSW1
Pout=20dBm, VDD2,3=3.0V
2.5
2.7
5.2
V
Control voltage2
VSW2
Pout=20dBm, VDD2,3=3.0V
-0.2
0.0
0.2
V
Control current
ISW1
VDD2,3=3.0V, Iidle=150mA
-
4.0
12.0
uA
Small signal gain
Gain1
VDD2,3=3.0V, Iidle=150mA
29
32
35
dB
Gain flatness
Gflat1
VDD2,3=3.0V, Iidle=150mA
-
0.5
1.0
dB
Gain control range
GCONT
-2.0V<VCONT<0.0V
29
33
37
dB
Pout at 1dB gain
compression point
P-1dB
VDD2,3=3.0V, Iidle=150mA
20
22
-
dBm
Adjacent Channel
Leakage Power 1
Pacp1
Pout=20dBm, offset=600kHz,
Iidle=150mA
Pin=
π/4 QPSK, V
DD2,3=3.0V
-
-60
-55
dBc
Adjacent Channel
Leakage Power 2
Pacp2
Pout=20dBm, offset=900kHz,
Iidle=150mA,
Pin=
π/4 QPSK, V
DD2,3=3.0V
-
-65
-60
dBc


Similar Part No. - NJU7663R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
   VOLTAGE CONVERTER
NJU7660D NJRC-NJU7660D Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
NJU7660M NJRC-NJU7660M Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
NJU7660V NJRC-NJU7660V Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
More results

Similar Description - NJU7663R

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8139GR-7JH NEC-UPC8139GR-7JH Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com