Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM37000-A1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAM37000-A1
Description  L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM37000-A1 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAM37000-A1 Datasheet HTML 1Page - Tyco Electronics MAAM37000-A1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Schematic
Low Noise GaAs MMIC Amplifier
MAAM37000-A1
Parameter
Absolute Maximum
VDD
+7 volts
Input Power
+20 dBm
Current
150 mA
Channel Temperature
+150°C
Operating Temperature
2
-55°C to +100°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings1
Typical Performance @ +25°C
1. Operation of this device outside these limits may cause permanent
damage.
2. Typical thermal resistance ( jc) = +120°C/W
GAIN vs FREQUENCY
2
3
4
5
6
7
8
20
18
16
14
12
10
FREQUENCY (GHz)
NOISE FIGURE vs FREQUENCY
2
3
4
5
6
7
8
6
5
4
3
2
1
FREQUENCY (GHz)
VSWR vs FREQUENCY
2
3
4
5
6
7
8
5.0
4.0
3.0
2.0
1.0
FREQUENCY (GHz)
Input
Output


Similar Part No. - MAAM37000-A1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results

Similar Description - MAAM37000-A1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392_09 Datasheet
190Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4_09 Datasheet
198Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com