Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232003B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 232003B
Description  Typical 1dB bandwidth of 20.1 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232003B Datasheet(HTML) 2 Page - Integrated Technology Future

  232003B Datasheet HTML 1Page - Integrated Technology Future 232003B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75.0 MHz SAW Filter
Part Number 232003B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
40dB Bandwidth
CH1 S21
LOG
1 dB/
REF -22.23 dB
Cor
CH2 S21
LOG
1 dB/
REF -22.8 dB
CENTER 75. 000 000 MHz
SPAN 25. 000 000 MHz
Cor
5 May 2012 00:08:37
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 104068 MHz
cent :
74. 966542 MHz
Q: 3. 7289
1_loss : -22 . 476 dB
2
3
3: . 08980 dB
19. 600 000 MHz
REF=2
CH2 Markers
mean:-22 . 496 dB
s. dev : . 10440 dB
p-p : . 57990 dB
CH1 S21
LOG
10 dB/
REF -22.4 dB
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
5 May 2012 00:07:43
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 650384 MHz
cent :
74. 937561 MHz
Q: 3. 4613
1_loss : -22 . 569 dB
3dB Bandwidth & Group Delay
20dB Bandwidth
CH1 S21
LOG
1 dB/
REF -22.23 dB
Cor
CH2 S21
DEL
100 ns/
REF 2.439 us
CENTER 75. 000 000 MHz
SPAN 25. 000 000 MHz
Cor
Smo
5 May 2012 00:09:07
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 410093 MHz
cent :
74. 964590 MHz
Q: 3. 6729
1_loss : -22 . 484 dB
2
3
3:-1 . 8313 ns
19. 600 000 MHz
REF=2
CH2 Markers
mean: 2. 3555 us
s. dev : 7. 1022 ns
p-p : 32. 348 ns
CH1 S21
LOG
10 dB/
REF -22.4 dB
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
5 May 2012 00:07:27
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 269689 MHz
cent :
74. 955154 MHz
Q: 3. 5240
1_loss : -22 . 569 dB
Wide band Properties
SWR(S11 & S22)
CH1 S21
LOG
10 dB/
REF -24.01 dB
START
. 010 000 MHz
STOP 250. 000 000 MHz
5 May 2012 00:10:44
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-60 . 067 dB
75. 0000 MHz
3:-60 . 346 dB
150. 000 MHz
CH1 S11
SWR
10 /
REF 4.878
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
CH2 S22
SWR
10 /
REF 4.671
Cor
5 May 2012 00:09:58
1
1: 4. 8479
75. 000 000 MHz
2
2: 4. 6702
75. 000 000 MHz


Similar Part No. - 232003B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232003 LITTELFUSE-232003 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
Qualtek Electronics Cor...
232003-06 QUALTEK-232003-06 Datasheet
181Kb / 1P
   POWER CORD HOSPITAL GRADE
logo
Littelfuse
232003. LITTELFUSE-232003. Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
232003.XE LITTELFUSE-232003.XE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
232003.XW LITTELFUSE-232003.XW Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - 232003B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252014B ITF-252014B Datasheet
155Kb / 2P
   Typical 1dB bandwidth of 20.1 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
250970B ITF-250970B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com