Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3009E6 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3009E6
Description  40V 2A GATE DRIVER IN SOT26
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3009E6 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3009E6_15 Datasheet HTML 1Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 2Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 3Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 4Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 5Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 6Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 7Page - Diodes Incorporated ZXGD3009E6_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXGD3009E6
Datasheet Number: DS36885 Rev. 1 - 2
4 of 8
www.diodes.com
February 2014
© Diodes Incorporated
ZXGD3009E6
A Product Line of
Diodes Incorporated
Switching Test Circuit and Timing Diagram
Typical Application Circuit
10%
90%
90%
tr
td(rise)
td(fall)
tf
VIN
VOUT
VCC
VEE
VCC
IN
ZXGD3009
SOURCE
SINK
RSOURCE
RSINK
RIN
50Ω
50Ω
RL
CL
VIN
VOUT
10%
90%
10%
V
IN
VCC
ZXGD3009
VS
VCC
SOURCE
SINK
RSOURCE
RSINK
VEE


Similar Part No. - ZXGD3009E6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3009E6TA DIODES-ZXGD3009E6TA Datasheet
435Kb / 8P
   40V 1A GATE DRIVER IN SOT26
July 2018
More results

Similar Description - ZXGD3009E6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3006E6Q DIODES-ZXGD3006E6Q Datasheet
768Kb / 9P
   40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
   40V 10A GATE DRIVER IN SOT26
ZXGD3009E6 DIODES-ZXGD3009E6 Datasheet
435Kb / 8P
   40V 1A GATE DRIVER IN SOT26
July 2018
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
   40V 8A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
168Kb / 8P
   40V 10A GATE DRIVER IN SOT26
ZXGD3005E6 DIODES-ZXGD3005E6_15 Datasheet
189Kb / 8P
   25V 10A GATE DRIVER IN SOT26
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
   10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
ZXGD3005E6 DIODES-ZXGD3005E6_11 Datasheet
189Kb / 8P
   25V 10A GATE DRIVER IN SOT26
ZXGD3009DY DIODES-ZXGD3009DY Datasheet
607Kb / 8P
   40V 1A GATE DRIVER IN SOT363
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com