Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0002-TB Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAATSS0002-TB
Description  Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0002-TB Datasheet(HTML) 5 Page - Tyco Electronics

  MAATSS0002-TB Datasheet HTML 1Page - Tyco Electronics MAATSS0002-TB Datasheet HTML 2Page - Tyco Electronics MAATSS0002-TB Datasheet HTML 3Page - Tyco Electronics MAATSS0002-TB Datasheet HTML 4Page - Tyco Electronics MAATSS0002-TB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0002
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
5
Typical Performance Curves
Step Size over Temperature
@ 2.5 GHz
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29
Atten. Settings
+25°C
-40°C
+85°C
Ordering Information
Part Number
Package
MAATSS0002
Bulk Packaging
MAATSS0002TR
Tape and Reel (1K Reel)
MAATSS0002-TB
Units Mounted on Test Board


Similar Part No. - MAATSS0002-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002SMB MA-COM-MAATSS0002SMB Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002TR MA-COM-MAATSS0002TR Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results

Similar Description - MAATSS0002-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
   Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
logo
M/A-COM Technology Solu...
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
Honeywell Solid State E...
HRF-AT4520 HONEYWELL-HRF-AT4520 Datasheet
91Kb / 7P
   31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com