Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62P03E6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXM62P03E6
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM62P03E6 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXM62P03E6_15 Datasheet HTML 1Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 2Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 3Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 4Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 5Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 6Page - Diodes Incorporated ZXM62P03E6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXM62P03E6
Document Number: DS33483 Rev. 3 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXM62P03E6
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = +25°C
-30V
0.15
Ω @ VGS = -10V
-2.6A
0.23
Ω @ VGS = -4.5V
-1.5A
Description
This MOSFET utilizes a unique structure that combines the benefits
of low on-resistance with fast switching speed, making it ideal for
high-efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Disconnect Switches
Motor Control
Features and Benefits
Fast Switching Speed
Low On-Resistance
Low Threshold
Low Gate Drive
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-26
Case Material: Molded Plastic; UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish; Solderable per MIL-STD-202,
Method 208
Weight: 0.015 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXM62P03E6TA
2P03
7
8
3,000 Units
ZXM62P03E6TC
2P03
13
8
10,000 Units
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
Code
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Equivalent Circuit
D
S
G
Pin Out - Top
View
SOT-26
Top View
2P03 = Product Type Marking Code
YM = Date Code Marking
Y
or Y̅ = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
2P03
SOT-26


Similar Part No. - ZXM62P03E6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P03E6TA ZETEX-ZXM62P03E6TA Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM62P03E6TA ZETEX-ZXM62P03E6TA Datasheet
285Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62P03E6TA DIODES-ZXM62P03E6TA Datasheet
292Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM62P03E6TA VBSEMI-ZXM62P03E6TA Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXM62P03E6TC ZETEX-ZXM62P03E6TC Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM62P03E6_15

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com