Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY51C Datasheet(PDF) 1 Page - Tyco Electronics

Part # MY51C
Description  TRIPLE-BALANCED MIXER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MY51C Datasheet(HTML) 1 Page - Tyco Electronics

  MY51C Datasheet HTML 1Page - Tyco Electronics MY51C Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR =
fR =
fR =
fR =
fL =
fL =
fL =
fL =
fI =
fI =
fI =
fI =
Isolation (min.)
L to R
fL =
fL =
fL =
L to I
fL =
fL =
fL =
R to I
fR =
fR =
1 dB Conversion Compression
fL @
fL @
Input IP3
fR1 =
fL =
fR1 =
fL =
fR1 =
fL =
fR2 =
fR2 =
fR2 =
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
Package
Figure
Model
Storage Temperature
Peak Input Power
Peak Input Current
· LO 2.0 TO 24 GHz
· RF 2.0 TO 24 GHz
· IF 1.0 TO 15 GHz
· LO DRIVE +10 dBm (nominal)
· HIGH COMPRESSION POINT
MY51/MY51C
TRIPLE-BALANCED MIXER
Specifications (Rev. Date: 10/01)*
Typical values are measured at 25°C and are not guaranteed. Typical performance applies to the MINPACŽ model and does not necessarily reflect the
performance of the VERSAPAC® model. Measured in a 50-ohm system with nominal LO drive and downconverter application only, unless otherwise
specified. Subject to change without notice.
JB
mA DC
26 dBm max. @ +25°, 22°C
-65°C to 100°C
-54°C to 100°C
MY51
2.5 to 18 GHz,
2 to 18 GHz,
2 to 10 GHz
2 to 18 GHz,
2 to 24 GHz,
2 to 24 GHz,
2 to 24 GHz,
1 to 12 GHz
1 to 12 GHz
7.5 dB
9.5 dB
10.5 dB
11.5 dB
10 dB
11 dB
12 dB
2 to 3 GHz
20 dB
30 dB
30 dB
22 dB
15 dB
20 dB
20 dB
15 dB
13 dB
18 dB
18 dB
13 dB
+10 dBm
+5 dBm
5 GHz @ -6 dBm
16 GHz @ -6 dBm
+15 dBm
+15 dBm
5.01 GHz @ -6 dBm
16.01 GHz @ -6 dBm
8 GHz @ 10 dBm
18 GHz @ 10 dBm
8 dB
9 dB
JA
MY51C
3 to 24 GHz
7 to 24 GHz
2 to 7 GHz
VPAC
SMA


Similar Part No. - MY51C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MY51C MICRO-ELECTRONICS-MY51C Datasheet
46Kb / 1P
   YELLOW LED LAMPS
logo
M/A-COM Technology Solu...
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
   Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
   Triple-Balanced Mixer
MY51C MA-COM-MY51C_15 Datasheet
163Kb / 3P
   Triple-Balanced Mixer
More results

Similar Description - MY51C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com