Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM66P02N8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXM66P02N8
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM66P02N8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXM66P02N8_15 Datasheet HTML 1Page - Diodes Incorporated ZXM66P02N8_15 Datasheet HTML 2Page - Diodes Incorporated ZXM66P02N8_15 Datasheet HTML 3Page - Diodes Incorporated ZXM66P02N8_15 Datasheet HTML 4Page - Diodes Incorporated ZXM66P02N8_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZXM66P02N8
Document Number DS31965 Rev. 2 - 2
1 of 5
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXM66P02N8
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
-20V
0.025
Ω
-8.0A
Description and Applications
This high density MOSFET utilizes a unique structure that combines
the benefits of a low on-resistance with fast switching speed. This
makes it ideal for high efficiency, low voltage power management
applications. Compared to trenchFET technology, this MOSFET
structure has an intrinsically higher pulse current handling capability
in linear mode.
Inrush protection circuits
DC-DC Converters
Power management functions
Disconnect switches
Motor control
Features and Benefits
High pulse current handling in linear mode
Low on-resistance
Fast switching speed
Low gate drive
Low profile SOIC package
Mechanical Data
Case: SO-8
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See diagram below
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXM66P02N8TA
See below
7
12
500
Notes:
1. For packaging details, go to our website.
Marking Information
Top View
Equivalent Circuit
ZXM = Product Type Marking Code, Line 1
66P02 = Product Type Marking Code, Line 2
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)
ZXM
66P02
YYWW
Top View
SO-8
D
S
G
Please click here to visit our online spice models database.


Similar Part No. - ZXM66P02N8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM66P02N8TA ZETEX-ZXM66P02N8TA Datasheet
49Kb / 4P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM66P02N8TA ZETEX-ZXM66P02N8TA Datasheet
59Kb / 4P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM66P02N8TA DIODES-ZXM66P02N8TA Datasheet
615Kb / 5P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM66P02N8TC ZETEX-ZXM66P02N8TC Datasheet
49Kb / 4P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM66P02N8TC ZETEX-ZXM66P02N8TC Datasheet
59Kb / 4P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM66P02N8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com