Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9013 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM9013
Description  300MHz Wideband Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9013 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM9013_15 Datasheet HTML 4Page - Linear Technology LTM9013_15 Datasheet HTML 5Page - Linear Technology LTM9013_15 Datasheet HTML 6Page - Linear Technology LTM9013_15 Datasheet HTML 7Page - Linear Technology LTM9013_15 Datasheet HTML 8Page - Linear Technology LTM9013_15 Datasheet HTML 9Page - Linear Technology LTM9013_15 Datasheet HTML 10Page - Linear Technology LTM9013_15 Datasheet HTML 11Page - Linear Technology LTM9013_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTM9013
8
9013fa
For more information www.linear.com/LTM9013
Typical perForMance characTerisTics
HD2 at 150MHz IF vs LO Power
HD2 at 150MHz IF vs RF Drive
HD3 at 150MHz IF vs RF Drive
IM3 at 150MHz vs RF Drive
LO to RF Isolation
Baseband Frequency Response
64K Point FFT, fIN = 1925MHz,
1975MHz, –7dBFS per Tone
SNR at 150MHz IF vs RF Drive
BASEBAND FREQUENCY (MHz)
–6
–4
–2
0
–5
–3
–1
100
200
300
400
9013 G01
500
50
0
150
250
350
450
FREQUENCY (MHz)
0
–60
–40
–20
0
128
9013 G03
–80
–100
–70
–50
–30
–10
–90
–110
–120
32
64
96
16
144
48
80
112
160
RF DRIVE (dBm)
–5
58.0
58.5
59.0
59.5
60.0
60.5
61.0
0
5
10
15
9013 G04
LO POWER (dBm)
–22
–80
–75
–65
–60
–55
2
6
10
–45
9013 G05
–70
–18 –14 –10 –6 –2
–50
HD2, I CHANNEL
HD2, Q CHANNEL
RF DRIVE (dBm)
–5
–70
–65
–60
–55
–50
–45
–40
0
5
10
15
9013 G06
HD2, I CHANNEL
HD2, Q CHANNEL
RF DRIVE (dBm)
–5
–55
–50
–40
10
9013 G07
–60
–65
0
5
15
–70
–75
–45
RF DRIVE PER TONE (dBm)
–12
–60
–55
–50
4
8
6
9013 G08
–65
–70
–80
–8
–4
0
–10
10
–6
–2
2
–75
–40
–45
LO FREQUENCY (GHz)
1.5
–40
–30
–20
2.3 2.4
9013 G09
–50
–60
–80
1.7
1.9
2.1
1.6
2.5
1.8
2.0
2.2
–70
0
–10
FREQUENCY (MHz)
0
–60
–40
–20
0
128
9013 G02
–80
–100
–70
–50
–30
–10
–90
–110
–120
32
64
96
16
144
48
80
112
160
64k Point FFT, fIN = 1950MHz,
–1dBFS


Similar Part No. - LTM9013_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9013 LINER-LTM9013 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
More results

Similar Description - LTM9013_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9013 LINER-LTM9013 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Texas Instruments
GC5018 TI-GC5018_06 Datasheet
1Mb / 134P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com