Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADRCC0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MADRCC0002
Description  Dual Linear Driver for Vector Modulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADRCC0002 Datasheet(HTML) 2 Page - Tyco Electronics

  MADRCC0002 Datasheet HTML 1Page - Tyco Electronics MADRCC0002 Datasheet HTML 2Page - Tyco Electronics MADRCC0002 Datasheet HTML 3Page - Tyco Electronics MADRCC0002 Datasheet HTML 4Page - Tyco Electronics MADRCC0002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dual Linear Driver for Vector Modulators
MADRCC0002
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
2
Electrical Specifications, TA = +25
°C, Reference Figure 1 (Each Circuit)
Parameter
Test Conditions
Units
Min
Typical
Max
Output Drive Current
Vcontrol = VCC
mA
18
+VCC Supply Range
V
4.5
5.0
5.5
IN, REF Voltage
V
0
VCC
+VCC Quiescent Current
No Load
µA
50
70
Settling Time
50% Ctl to 90%/10% RF
µS
25
Figure 1


Similar Part No. - MADRCC0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
MADRCC0002TR MA-COM-MADRCC0002TR Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002TR MA-COM-MADRCC0002TR Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - MADRCC0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002_15 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
logo
Merrimac Industries, In...
VMP-2R-10B MERRIMAC-VMP-2R-10B Datasheet
84Kb / 1P
   VECTOR I&Q MODULATORS
VMP-2S-1.5B MERRIMAC-VMP-2S-1.5B Datasheet
94Kb / 1P
   VECTOR I&Q MODULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com