Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA539 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA539
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA539 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA539 Datasheet HTML 1Page - KEC(Korea Electronics) KTA539 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 5
2/2
KTA539
Revision No : 0
I
- VCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-5
0
I
- V
CBE
BE
BASE EMITTER VOLTAGE V
(V)
0
COLLECTOR CURRENT I (mA)
C
C
FE
h
- I
-20
-40
-60
-80
-100
-120
-140
-160
-180
I =-0.1mA
B
I =-0.2mA
B
I =-0.8mA
B
I =-0.7mA
B
I =-0.6mA
B
I =-0.5mA
B
I =-0.4mA
B
I =-0.3mA
B
-1
-3
V
=-1V
CE
C
-10
-15
-20
-25
-30
-35
-40
COLLECTOR CURRENT I (mA)
C
V
, V
- I
CE(sat)
C
-0.01
-0.05
-0.03
-0.3
-0.1
-0.5
-1
-3
I =10I
CB
VBE(sat)
VCE(sat)
-0.2
-0.4
-0.6
-0.8
-1.2
-1.0
-1
1
3
5
10
30
-3
-5
-10
-30
-50
10
-30
-10
-3
-1
-100
-300
30
50
100
300
500
1K
V =-1V
CE
-100
-1
-3
-10
-30
-300
-10
-30
-300
-100
I =0
f=1MHz
E
BE(sat)
COLLECTOR BASE VOLTAGE V
(V)
CB
ob
C
- VCB
500
AMBIENT TEMPERATURE Ta ( C)
300
400
200
100
0
025
125
50
75
100
175
150
700
600
Pc - Ta


Similar Part No. - KTA539

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA501 KEC-KTA501 Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501 KEC-KTA501 Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501U KEC-KTA501U Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Guangdong Kexin Industr...
KTA501U KEXIN-KTA501U Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - KTA539

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com