Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD-1100 Datasheet(PDF) 9 Page - CUI INC

Part # PSD-1100
Description  DC-DC HOT-SWAP POWER SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSD-1100 Datasheet(HTML) 9 Page - CUI INC

Back Button PSD-1100_15 Datasheet HTML 3Page - CUI INC PSD-1100_15 Datasheet HTML 4Page - CUI INC PSD-1100_15 Datasheet HTML 5Page - CUI INC PSD-1100_15 Datasheet HTML 6Page - CUI INC PSD-1100_15 Datasheet HTML 7Page - CUI INC PSD-1100_15 Datasheet HTML 8Page - CUI INC PSD-1100_15 Datasheet HTML 9Page - CUI INC PSD-1100_15 Datasheet HTML 10Page - CUI INC PSD-1100_15 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
cui.com
date 07/15/2015
│ page 9 of 11
CUI Inc
│ SERIES: PSD-1100 │ DESCRIPTION: DC-DC HOT-SWAP POWER SUPPLY
APPLICATION NOTES (CONTINUED)
Status Word
This command is a two byte structure (High and Low bytes). The PMBusTM specification (Table 15) details the structure and
content of the word. Note that unsupported bits shall be set to “0”
Status Word (79h); Low Byte
Status Word; High Byte
Byte
Bit #
PMBusTM Bit Name
Definition
Low
Bit 7
BUSY
Not Supported
Bit 6
OFF
Pulse Width Modulator enable status:
1 = PWM disabled
0 = PWM enabled
Bit 5
VOUT_OV
Output over voltage fault
1 = OVP has occurred
0 = OVP has not occurred
Bit 4
IOUT_OC
OCP; the unit has entered overload protection.
1= OCP has occurred
0= OCP has not occurred
Bit 3
VIN_UV
Incoming DC under voltage:
1 = DC is not OK
0 = DC is OK
Bit 2
TEMPERATURE
Over Temperature fault
1 = OTP has occurred
0 = OTP has not occurred
Bit 1
CML
Not Supported
Bit 0
NONE OF THE ABOVE
Not Supported
Byte
Bit #
PMBusTM Bit Name
Definition
High
Bit 7
VOUT
Not Supported
Bit 6
IOUT/POUT
Not Supported
Bit 5
INPUT
DC Input Voltage Fault or Warning
1 = Under Voltage (DC is not OK)
0 = No Under Voltage (DC is OK)
Bit 4
MFR
Not Supported
Bit 3
POWER_GOOD#
Output Power Good Status
1 = Power is Not Good (DC is not OK)
0 = Power is Good (DC is OK)
Bit 2
FAN
Fan Failure
1 = Fan has failed
0 = Fan has not failed
Bit 1
OTHER
Not Supported
Bit 0
UNKNOWN
Not Supported
For more information, please visit the product page.


Similar Part No. - PSD-1100_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100-12-B CUI-PSD-1100-12-B Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
PSD-1100-12-F CUI-PSD-1100-12-F Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSD-1100_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100 CUI-PSD-1100 Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com