Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSE-1200 Datasheet(PDF) 1 Page - CUI INC

Part # PSE-1200
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-1200 Datasheet(HTML) 1 Page - CUI INC

  PSE-1200_15 Datasheet HTML 1Page - CUI INC PSE-1200_15 Datasheet HTML 2Page - CUI INC PSE-1200_15 Datasheet HTML 3Page - CUI INC PSE-1200_15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 05/06/2015
page 1 of 4
SERIES: PSE-1200
│ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
MODEL
output
voltage
output
current
output
power1,2
ripple
and noise
efficiency3
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PSE-1200-12
12
100
1200
120
90
Notes:
1. At 115 Vac input, maximum of 1000 W
2. At 230 Vac input, maximum of 1200 W
3. At 230 Vac input, 50% load.
FEATURES
• up to 1200 W continuous power
• low profile sub-1U package
• I2C communication for monitoring and control
• redundant (N+1) operation
• blind mate connections for hot-swap
• power factor correction
• active current sharing
• remote on/off control, power good
• efficiency up to 90%
rth
Americ
a
UV
Rheinla
C
US
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
PSE-1200 - 12 - CXX
Output Voltage
For more information, please visit the product page.


Similar Part No. - PSE-1200_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-1200 CUI-PSE-1200_V01 Datasheet
348Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/08/2017
More results

Similar Description - PSE-1200_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000_15 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com