Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSE-3000 Datasheet(PDF) 5 Page - CUI INC

Part # PSE-3000
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-3000 Datasheet(HTML) 5 Page - CUI INC

  PSE-3000_15 Datasheet HTML 1Page - CUI INC PSE-3000_15 Datasheet HTML 2Page - CUI INC PSE-3000_15 Datasheet HTML 3Page - CUI INC PSE-3000_15 Datasheet HTML 4Page - CUI INC PSE-3000_15 Datasheet HTML 5Page - CUI INC PSE-3000_15 Datasheet HTML 6Page - CUI INC PSE-3000_15 Datasheet HTML 7Page - CUI INC PSE-3000_15 Datasheet HTML 8Page - CUI INC PSE-3000_15 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
cui.com
date 07/22/2015
│ page 5 of 19
CUI Inc
│ SERIES: PSE-3000 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
PIN
FUNCTION
DESCRIPTION
HIGH / LOW LEVEL
Imax
P1, P2, P3
V (-VE/return)
V1 (-VE) output terminal
P4, P5, P6
V (+VE)
V1 (+VE) output terminal
P7
earth/chassis ground
protective/safety earth
P8
neutral
neutral or AC line#2
P9
line
hot/AC line#1
signal
pin
column
“1”
A1
I2C address A0
I2C address - LSB
B1
I2C address A1
I2C address bit
C1
I2C address A2
I2C address - MSB
D1
REMOTE_ON_L
internal pull up to 3.3 V
3.3 mA
signal pin status
output status
open circuit
“off”
logic “1”
“off”
logic “0”
“on”
signal
pin
column
“2”
A2
DC_OK_L
“L” to indicate DC output is within regulation,
there is no internal pull up resistor and it should
be provided externally to support VCEO ≤ 20 Vdc,
Ic ≤ 5 mA dc
>2.1 V
<0.4 V
-5 mA
B2
AC_OK_L
“L” to indicate AC above lower limit that is required
for sustain normal operation, there is no internal
pull up resistor and it should be provided externally
to support VCEO ≤ 20 Vdc, Ic ≤ 5 mA dc
>2.1 V
<0.4 V
-5 mA
C2
PS_PRESENT_L
detects presence of power supply, “low” when
inserted, host system to provide pull up resistor
capable of sourcing 5 mA
>2.1 V
<0.4 V
-5 mA
D2
Vstandby (+VE)
V2 (+VE) output terminal
signal
pin
column
“3”
A3
I2C/SMbus clock
external 3.32 kΩ pull-up needed to 3.3 V
-3 mA
B3
I2C/SMbus data
external 3.32 kΩ pull-up needed to 3.3 V
-3 mA
C3
SMBALERT
communications (SMBus) alert
>2.1 V
<0.4 V
-5 mA
D3
Vstandby (-VE)
V2 (-VE) output terminal
signal
pin
column
“4”
A4
n/a
reserved
B4
n/a
reserved
C4
OTP_OK_L
temperature “OK” signal
>2.1 V
<0.4 V
-5 mA
D4
n/a
reserved
signal
pin
column
“5”
A5
Spare/Vpgm
analog VPGM signal
B5
n/a
reserved
C5
n/a
reserved
D5
n/a
reserved
signal
pin
column
“6”
A6
V1 -VE sense
V1 negative sense connection
B6
Ishare
V1 current share option
C6
n/a
reserved
D6
V1 +VE sense
V1 positive sense connection
DC PIN ASSIGNMENTS
For more information, please visit the product page.


Similar Part No. - PSE-3000_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-3000-48-B CUI-PSE-3000-48-B Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000-48-F CUI-PSE-3000-48-F Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000-54-B CUI-PSE-3000-54-B Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000-54-F CUI-PSE-3000-54-F Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSE-3000_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com