Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2568 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT2568
Description  DDR Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2568 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT2568 Datasheet HTML 1Page - Richtek Technology Corporation RT2568 Datasheet HTML 2Page - Richtek Technology Corporation RT2568 Datasheet HTML 3Page - Richtek Technology Corporation RT2568 Datasheet HTML 4Page - Richtek Technology Corporation RT2568 Datasheet HTML 5Page - Richtek Technology Corporation RT2568 Datasheet HTML 6Page - Richtek Technology Corporation RT2568 Datasheet HTML 7Page - Richtek Technology Corporation RT2568 Datasheet HTML 8Page - Richtek Technology Corporation RT2568 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT2568
4
DS2568-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Control Input Voltage, VCNTL ------------------------------------------------------------------------------------------ 2.9V to 5.5V
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 1.1V to 3.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN, VCNTL -------------------------------------------------------------------------------------------
−0.3V to 6V
Input Voltage, EN, REFIN, SENSE -----------------------------------------------------------------------------------
−0.3V to 6V
Output Voltage, VOUT, REFOUT, PGOOD --------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 2.5W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 40°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
CDM (Charged Device Model) ------------------------------------------------------------------------------------------ 2kV
(VIN = 1.5V, VEN = VCNTL = 3.3V, VREFIN = VSENSE = 0.75V, COUT = 10
μF x 3, TA = −40°C to 85°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
VCNTL Supply Current
IVCNTL
VEN = VCNTL, No Load
--
0.7
1
mA
VCNTL Shutdown Current
ISHDN_VCNTL
VEN = 0V, VREFIN = 0V, No Load
--
65
80
A
VEN = 0V, VREFIN > 0.4V, No Load
--
200
400
VIN Supply Current
IVIN
VEN = VCNTL, No Load
--
1
50
A
VIN Shutdown Current
ISHDN_VIN
VEN = 0V, No Load
--
0.1
50
A
Output
VTT Output Voltage
VOUTO
VIN = 1.5V, VREFIN = 0.75V,
IOUT = 0A
--
0.75
--
V
VIN = 1.35V, VREFIN = 0.675V,
IOUT = 0A
--
0.675
--
VIN = 1.2V, VREFIN = 0.6V,
IOUT = 0A
--
0.6
--
VTT Output Voltage Offset
VOUT_OS
IOUT < ±2A, VLDOIN = 1.5V,
VOUT_OS = VOUT  VOUTO
25
--
25
mV
IOUT < ±2A, VLDOIN = 1.35V,
VOUT_OS = VOUT  VOUTO
25
--
25
IOUT < ±2A, VLDOIN = 1.2V,
VOUT_OS = VOUT  VOUTO
25
--
25


Similar Part No. - RT2568

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2568GQW RICHTEK-RT2568GQW Datasheet
828Kb / 8P
   The RT2568 is a sink/source tracking termination regulator
More results

Similar Description - RT2568

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com