Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6296F Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6296F Datasheet HTML 1Page - Richtek Technology Corporation RT6296F Datasheet HTML 2Page - Richtek Technology Corporation RT6296F Datasheet HTML 3Page - Richtek Technology Corporation RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6296F-00
May
2015
www.richtek.com
1
2A, 17V Current Mode Synchronous Step-Down Converter
General Description
The RT6296F is a high-efficiency, 2A current mode
synchronous step-down DC/DC converter with a wide
input voltage range from 4.5V to 17V. The device
integrates 100m
 high-side and 40m low-side
MOSFETs to achieve high efficiency conversion. The
current
mode
control
architecture
supports
fast
transient response and internal compensation. A
cycle-by-cycle current limit function provides protection
against
shorted
output.
The
RT6296F
provides
complete
protection
functions
such
as
input
under-voltage lockout, output under-voltage protection,
over-current protection, and thermal shutdown. The
PWM frequency is adjustable by the EN/SYNC pin. The
RT6296F is available in the TSOT-23-8 (FC) package.
Ordering Information
Package Type
J8F : TSOT-23-8 (FC)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT6296F
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
4.5V to 17V Input Voltage Range
2A Output Current
Internal N-Channel MOSFETs
Current Mode Control
Fixed Switching Frequency : 500kHz
Synchronous to External Clock : 200kHz to 2MHz
Cycle-by-Cycle Current Limit
Internal Soft-Start Function
Power Save mode at light load
Power Good Indicator
Input Under-Voltage Lockout
Output Under-Voltage Protection
Thermal Shutdown
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Set-top Boxes
Marking Information
0B=DNN
0B= : Product Code
DNN : Date Code
Simplified Application Circuit
Enable
VIN
EN/SYNC
GND
BOOT
FB
SW
VOUT
VIN
RT6296F
R5
R1
R2
PVCC
PG
C3
C4
C2
L1
C1
R3


Similar Part No. - RT6296F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
   The RT6296C is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
More results

Similar Description - RT6296F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
   The RT6296C is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
   The RT7296C is a high-efficiency
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
   The RT6208 is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
   The TJ9910 is a PWM high-efficiency LED driver control IC
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com