Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX415 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASX415
Description  The ASX415, a power amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX415 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASX415 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASX415
250-4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +7 dBm/tone @ 5.3V & +6
dBm/tone @ 5V & +4 dBm/tone @ 4.75V separated by 1MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
CDMA Rx
824 ~ 849
+5.3 V / +5 V / +4.75 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Frequency (MHz)
824~849
Magnitude S21 (dB)
20.3
20
19.8
Magnitude S11 (dB)
-15
-15
-14
Magnitude S22 (dB)
-12
-12
-12
Output P1dB (dBm)
28.5
28.5
28
Output IP3
1) (dBm)
45
41
35
Noise Figure (dB)
5.2
4.4
4.2
Device Voltage (V)
5.3
5
4.75
Current (mA)
185
155
123
C1=100 pF
C2=100 pF
Vcc=5 V
RF IN
RF OUT
C5=100pF
C6=1 mF
ASX415
D1=5.6V
Zener Diode
C3=7.5 pF
C4=4.7 pF
L1=68 nH
(Coil Inductor)
L2=8.2 nH
L3=3.3 nH
APPLICATION CIRCUIT


Similar Part No. - ASX415

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX415

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5049VT EUDYNA-FMM5049VT Datasheet
173Kb / 4P
   Power Amplifier MMIC
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
   MMIC Power Amplifier
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
   MMIC, Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
logo
Toshiba Semiconductor
TMD1925-3 TOSHIBA-TMD1925-3 Datasheet
80Kb / 5P
   MICROWAVE POWER MMIC AMPLIFIER
TMD1013-1-431 TOSHIBA-TMD1013-1-431 Datasheet
44Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com