Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7243GQW Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7243GQW
Description  RT7243GQW Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7243GQW Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7243GQW Datasheet HTML 1Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 2Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 3Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 4Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 5Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 6Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 7Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 8Page - Richtek Technology Corporation RT7243GQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT7243GQW
Evaluation Board
UG7243GQW-00
January 2015
5
http://www.richtek.com
your power partner.
Schematic, Bill of Materials & Board Layout
EVB Schematic Diagram
C4
: 10μF/50V/X5R, 1206, TDK C3216X5R1H106K
C2, C5, C6
: 22μF/16V/X5R, 1210, Murata GRM32ER61C226K
L1: 1.4
μH TAIYO YUDEN NR8040T1R4N, DCR=7mΩ


Similar Part No. - RT7243GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7240 RICHTEK-RT7240 Datasheet
302Kb / 18P
   5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247AHGSP RICHTEK-RT7247AHGSP Datasheet
584Kb / 11P
   Evaluation Board
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
   2A, 18V, 800kHz Synchronous Step-Down Converter
More results

Similar Description - RT7243GQW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com