Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31PW8200 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # IS31PW8200
Description  Output transition SOA protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

IS31PW8200 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  IS31PW8200 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
BL78A05
Positive voltage regulators
www.belling.com.cn
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
©2012 Belling All Rights Reserved
1. Features
Output current to 1.5 A
Output voltage of 5V
Thermal overload protection
Short circuit protection
Output transition SOA protection
2. Description
The BL78A05 of three-terminal positive regulators is available in TO-220 package, making it useful
in a wide range of applications. These regulators can provide lacal on-card regulation, eliminating the
distribution problems associated with single point regulation. Each type employs internal current limiting, thermal
shut-down and safe area protection, making it essentially indestructible. If adequate heat sinking is
provided, they can deliver over 1.5 A output current. Although designed primarily as fixed voltage regulators,
these devices can be used with external components to obtain adjustable voltage and currents
Block diagram


Similar Part No. - IS31PW8200

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
More results

Similar Description - IS31PW8200

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7591 LEADTREND-LD7591 Datasheet
432Kb / 20P
   Transition-Mode PFC Controller with Fault Condition Protection
logo
Fairchild Semiconductor
FJP5027RTU FAIRCHILD-FJP5027RTU Datasheet
65Kb / 5P
   Wide SOA
logo
Glenair, Inc.
M24758-32C GLENAIR-M24758-32C Datasheet
192Kb / 2P
   Transition
logo
Inchange Semiconductor ...
2N3053 ISC-2N3053 Datasheet
100Kb / 2P
   Maximun SOA Curve
logo
Adam Technologies, Inc.
FDH-XX-T ADAM-TECH-FDH-XX-T Datasheet
101Kb / 1P
   TRANSITION PLUG
logo
Glenair, Inc.
713-351 GLENAIR-713-351 Datasheet
185Kb / 1P
   Y Transition
713-353 GLENAIR-713-353 Datasheet
181Kb / 1P
   T Transition
logo
Tyco Electronics
006257-000 MACOM-006257-000 Datasheet
140Kb / 1P
   TRANSITION, 45DEG
logo
STMicroelectronics
AN1213 STMICROELECTRONICS-AN1213 Datasheet
118Kb / 7P
   OUTPUT PROTECTION CHARACTERISATION
logo
IXYS Corporation
MMIX2S50N60B4D1 IXYS-MMIX2S50N60B4D1 Datasheet
291Kb / 8P
   Short Circuit SOA Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com